Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS5C372A-E2-F Datasheet(PDF) 54 Page - RICOH electronics devices division

Part # RS5C372A-E2-F
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5C372A-E2-F Datasheet(HTML) 54 Page - RICOH electronics devices division

Back Button RS5C372A-E2-F Datasheet HTML 49Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 50Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 51Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 52Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 53Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 54Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 55Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 56Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 57Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
RS5C372A/B
53
7.3 Read Operation from Clock and Calendar Counters
Stop condition
Start condition
Read from clock and
calendar counters
*1
*2
1) When reading from clock and calendar counters, do
not insert stop condition until all times from second to
year have been read to prevent error in reading time.
2) Take care so that process from start condition to stop
condition will be completed within 0.5 seconds. (The
RS5C372A/B force access to the CPU to terminate
within 0.5 to 1.0 seconds after start condition has
occurred in case the CPU is failed during access.)
7.4 Second Digit Adjustment by
30 seconds
Control register 2←(00
×1×111) *1
1) Write 1 to the ADJ bit. (The 30 seconds of
adjustment is made within 122.1
s (125s when
32.000kHz crystal is used) after the ADJ bit is set
to 1.)
7.5 Interrupt Operation
7.5-1 Periodic Interrupt Operation
CTFG=1?
Periodic interrupt operation
Other
interrupt
operation
Interrupt to CPU
Control register 2←(00
×××011)
Set periodic interrupt
cycle select bit and
interrupt output select bit
YES
NO
*1
*2
*1) The level mode is used for the periodic interrupt
cycle select bit.
*2) Interrupt to the CPU is cancelled by setting the
CTFG bit to 0.


Similar Part No. - RS5C372A-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
More results

Similar Description - RS5C372A-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
logo
MICORO CRYSTAL SWITZERL...
RV-8564 MICROCRYSTAL-RV-8564 Datasheet
1Mb / 40P
   I2C-Bus Interface Real Time Clock
logo
RICOH electronics devic...
RS5C372B RICOH-RS5C372B Datasheet
474Kb / 39P
   I2C-bus Serial Interface Real Time Clock (8pin SSOP)
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Epson ToYoCom
RTC-8564JE EPSONTOYOCOM-RTC-8564JE Datasheet
409Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RX-8025SA EPSONTOYOCOM-RX-8025SA Datasheet
364Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com