Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RS5C372A-E2-F Datasheet(PDF) 42 Page - RICOH electronics devices division

Part No. RS5C372A-E2-F
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5C372A-E2-F Datasheet(HTML) 42 Page - RICOH electronics devices division

Back Button RS5C372A-E2-F Datasheet HTML 38Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 39Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 40Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 41Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 42Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 43Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 44Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 45Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 46Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
RS5C372A/B
41
3. Oscillator Halt Sensing
Oscillation halt can be sensed through monitoring the XSTP bit with preceding setting of the XSTP bit to 0 by
writing data to the control register 2. Upon oscillator halt sensing, the XSTP bit is switched from 0 to 1. This
function can be applied to judge clock data validity. When the XSTP bit is 1, XSL , F6 to F0, CT2, CT1, CT0, AALE,
BALE, SL2, SL1, CLEN and TEST bits are reset to 0.
1) The XSTP bit is set to 1 upon power-on from 0V.
Note that any instantaneous power disconnection may cause operation failure.
2) Once oscillation halt has been sensed, the XSTP bit is held at 1 even if oscillation is restarted.
Considerations in Use of XSTP Bit
Ensure error-free oscillation halt sensing by preventing the following events:
1) Instantaneous disconnection of VDD
2) Condensation on the crystal oscillator
3) Generation of noise on the PCB in the crystal oscillator
4) Application of voltage exceeding prescribed maximum ratings to the individual pins of the IC.
In particular, note that the XSTP bit may fail to be set to 0 in the presence of any applied supply voltage as
illustrated below in such events as backup battery installation. Further, give special considerations to
prevent excessive chattering in the oscillation halt sensing circuit.
VDD
4. INTRA Output and INTRB Output Pins (RS5C372A), INTR Output Pin (RS5C372B)
4.1 INTRA Output and INTRB Output Pins (RS5C372A)
The following three output wave forms can be output from the INTRA or the INTRB pin.
1) Alarm interrupt
When a registered time for alarm (such as day-of-the-week, hour or minute) coincide with calendar counter
(suchas day-of-the-week, hour or minute) interrupt to the CPU are requested with the output pin being on
(“L”). Alarm interrupt consists of Alarm_A and Alarm_B, both have equivalent functions.
2) Periodic interrupt
Outputs an output wave form selected by setting the periodic interrupt frequency select bit. Wave forms
include pulse mode and level mode.
3) 32-kHz clock output
Clock pulses generated in the oscillation circuit are output as they are.


Similar Part No. - RS5C372A-E2-F

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
More results

Similar Description - RS5C372A-E2-F

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
MICORO CRYSTAL SWITZERLAND
MICORO CRYSTAL SWITZERL...
RV-8564 MICROCRYSTAL-RV-8564 Datasheet
1Mb / 40P
   I2C-Bus Interface Real Time Clock
RICOH electronics devices division
RICOH electronics devic...
RS5C372B RICOH-RS5C372B Datasheet
474Kb / 39P
   I2C-bus Serial Interface Real Time Clock (8pin SSOP)
uPI Group Inc.
uPI Group Inc.
UC1009 UPI-UC1009 Datasheet
468Kb / 37P
   I2C-Bus Interface Real-Time Clock Module
Epson ToYoCom
Epson ToYoCom
RX-8025SA EPSONTOYOCOM-RX-8025SA Datasheet
364Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RTC-8564JE EPSONTOYOCOM-RTC-8564JE Datasheet
409Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
uPI Group Inc.
uPI Group Inc.
UC1010 UPI-UC1010 Datasheet
427Kb / 40P
   I2C-Bus Interface Real-Time Clock Module
Integrated Device Technology
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
RICOH electronics devices division
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz