Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RS5C372A-E2-F Datasheet(PDF) 37 Page - RICOH electronics devices division

Part No. RS5C372A-E2-F
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5C372A-E2-F Datasheet(HTML) 37 Page - RICOH electronics devices division

Back Button RS5C372A-E2-F Datasheet HTML 33Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 34Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 35Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 36Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 37Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 38Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 39Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 40Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 41Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
RS5C372A/B
36
2. Configuration of Oscillating Circuit and Time Trimming
2.1 Configuration of Oscillating Circuit
8
7
6
RS5C372A/B
RF
RD CD
CG
OSCIN
OSCOUT
32kHz
VDD
VDD
A
Typical external device:
X'tal: 32.768kHz or 32.000kHz
(R1
30k Typ.)
(CL
6pF to 8pF)
Typical values of internal devices:
RF 15M
 (Typ.)
RD 60k
 (Typ.)
CG, CD 10pF (Typ.)
The oscillation circuit is driven at a constant voltage of about 1.2V relative to the Vss level.
Consequently, it generates a wave form having a peak-to-peak amplitude of about 1.2V on the positive side of
the Vss level.
Considerations on Crystal Oscillator
Basic characteristics of a crystal oscillator includes R1 (equivalent series resistance: ease of oscillation) and
CL (load capacitance: rank of center frequency). R1
Typ. of 30k, CL6 to 8pF is recommended for the
RS5C372A/B. Confirm recommended values to the manufacturer of the crystal oscillator used.
Considerations in Mounting Components Surrounding Oscillating Circuit
1) Mount the crystal oscillators in the closest possible position to the IC.
2) Avoid laying any signal or power line close to the oscillation circuit
(particularly in the area marked with “
 A ” in the above figure).
3) Apply the highest possible insulation resistance between the OSCIN or OSCOUT pin and the PCB.
4) Avoid using any long parallel line to wire the OSCIN and OSCOUT pin.
5) Take extreme care not to cause condensation, which leads to various problems such as oscillation halt.
Other Relevant Considerations
1) When applying an external input of clock pulses (32.768kHz or 32.000kHz) to the OSCIN pin:
DC coupling : Prohibited due to mismatching of input levels.
AC coupling : Permissible except that unpredictable results may occur in oscillator halt sensing due to
possible sensing errors caused by noises, etc.
2) Avoid using the oscillator output of the RS5C372A/B (from the OSCOUT pin) to drive any other IC for the
purpose of ensuring stable oscillation.


Similar Part No. - RS5C372A-E2-F

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
More results

Similar Description - RS5C372A-E2-F

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
MICORO CRYSTAL SWITZERLAND
MICORO CRYSTAL SWITZERL...
RV-8564 MICROCRYSTAL-RV-8564 Datasheet
1Mb / 40P
   I2C-Bus Interface Real Time Clock
RICOH electronics devices division
RICOH electronics devic...
RS5C372B RICOH-RS5C372B Datasheet
474Kb / 39P
   I2C-bus Serial Interface Real Time Clock (8pin SSOP)
uPI Group Inc.
uPI Group Inc.
UC1009 UPI-UC1009 Datasheet
468Kb / 37P
   I2C-Bus Interface Real-Time Clock Module
Epson ToYoCom
Epson ToYoCom
RX-8025SA EPSONTOYOCOM-RX-8025SA Datasheet
364Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RTC-8564JE EPSONTOYOCOM-RTC-8564JE Datasheet
409Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
uPI Group Inc.
uPI Group Inc.
UC1010 UPI-UC1010 Datasheet
427Kb / 40P
   I2C-Bus Interface Real-Time Clock Module
Integrated Device Technology
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
RICOH electronics devices division
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz