Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RS5C372A-E2-F Datasheet(PDF) 12 Page - RICOH electronics devices division

Part # RS5C372A-E2-F
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5C372A-E2-F Datasheet(HTML) 12 Page - RICOH electronics devices division

Back Button RS5C372A-E2-F Datasheet HTML 8Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 9Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 10Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 11Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 12Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 13Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 14Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 15Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 16Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
RS5C372B
11
RECOMMENDED OPERATING CONDITIONS
(Vss
0V,Topt40 to 85C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
2.0
6.0
V
VCLK
Timekeeping Voltage
1.45
6.0
V
FXT
Oscillation Frequency
32.768
or
32.000
kHz
VPUP1
Pull-up Voltage 1
SCL, SDA
6.0
V
VPUP2
Pull-up Voltage 2
INTR
10.0
V
DC CHARACTERISTICS
Unless otherwise specified: Vss
0V, VDD3V, Topt40 to 85C, Oscillation frequency32.768kHz, or 32.000kHz(R130k)
Symbol
Item
Pin name
Conditions
Min.
Typ.
Max.
Unit
VIH
“H” Input Voltage
SCL, SDA
0.8VDD
6.0
V
VIL
“L” Input Voltage
SCL, SDA
0.3
0.2VDD
V
IOH
“H” Output Current
32KOUT
VOH
VDD0.5V
-0.5
mA
IOL1
“L” Output Current
INTR ,32KOUT VOL10.4V
1
mA
IOL2
SDA
VOL2
0.6V
6
mA
IILK
Input Leakage Current
SCL
VI
6V or Vss
VDD
6V
1
1
A
IOZ
Output Off State
Leakage Current
SDA, INTR ,
32KOUT
VO
6V or Vss
VDD
6V
1
1
A
IDD1
Standby Current
VDD
VDD
3V Topt25C
SCL, SDA
3V
Output
OPEN
0.5
0.9
A
IDD2
VDD
VDD
3V
Topt
40 to 85C
SCL, SDA
3V
Output
OPEN1
1.0
A
IDD3
VDD
VDD
6V
SCL, SDA
6V
Output
OPEN1
0.8
2.0
A
CG
Internal Oscillation Capacitance 1
OSCIN
10
pF
CD
Internal Oscillation Capacitance 2
OSCOUT
10
pF
1) The mode outputs no clock pulses when output is open (output off state).
For consumption current (output: no load) when 32kHz pulses are output from 32KOUT, see “USAGES, 6.
Typical Characteristic Measurements”


Similar Part No. - RS5C372A-E2-F

ManufacturerPart #DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
More results

Similar Description - RS5C372A-E2-F

ManufacturerPart #DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
MICORO CRYSTAL SWITZERLAND
MICORO CRYSTAL SWITZERL...
RV-8564 MICROCRYSTAL-RV-8564 Datasheet
1Mb / 40P
   I2C-Bus Interface Real Time Clock
RICOH electronics devices division
RICOH electronics devic...
RS5C372B RICOH-RS5C372B Datasheet
474Kb / 39P
   I2C-bus Serial Interface Real Time Clock (8pin SSOP)
uPI Group Inc.
uPI Group Inc.
UC1009 UPI-UC1009 Datasheet
468Kb / 37P
   I2C-Bus Interface Real-Time Clock Module
Epson ToYoCom
Epson ToYoCom
RX-8025SA EPSONTOYOCOM-RX-8025SA Datasheet
364Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RTC-8564JE EPSONTOYOCOM-RTC-8564JE Datasheet
409Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
uPI Group Inc.
uPI Group Inc.
UC1010 UPI-UC1010 Datasheet
427Kb / 40P
   I2C-Bus Interface Real-Time Clock Module
Integrated Device Technology
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
RICOH electronics devices division
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com