Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT5C348B Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RT5C348B
Description  4-wire Serial Interface
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RT5C348B Datasheet(HTML) 5 Page - RICOH electronics devices division

  RT5C348B Datasheet HTML 1Page - RICOH electronics devices division RT5C348B Datasheet HTML 2Page - RICOH electronics devices division RT5C348B Datasheet HTML 3Page - RICOH electronics devices division RT5C348B Datasheet HTML 4Page - RICOH electronics devices division RT5C348B Datasheet HTML 5Page - RICOH electronics devices division RT5C348B Datasheet HTML 6Page - RICOH electronics devices division RT5C348B Datasheet HTML 7Page - RICOH electronics devices division RT5C348B Datasheet HTML 8Page - RICOH electronics devices division RT5C348B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
Rx5C348A/B
DC ELECTRICAL CHARACTERISTICS
(Unless otherwise specified:
VSS=0V, VDD=3.0V, Topt=-40 to +85°C, Crystal oscillator 32768Hz,CL=7pF,R1=30kΩ)
Symbol
Item
Pin Name
Conditions
Min.
Typ.
Max.
Unit
VIH
“H” Input Voltage
0.8x
VDD
5.5
VIL
“L” Input Voltage
CE, SCLK, SI
VDD=2.0 to 5.5V
-0.3
0.2x
VDD
V
IOH
“H” Output
Current
SO
VOH=VDD-0.5V
-0.5
mA
IOL1
/INTR,
32KOUT(Rx5C348A
)
2.0
IOL2
“L” Output
Current
SO,
32KOUT(Rx5C348B
)
VOL=0.4V
0.5
mA
IIL
Input Leakage
Current
SI, SCLK
VI=5.5V or VSS
VDD=5.5V
-1.0
1.0
µ
A
RDNCE
Pull-down Resistance
CE
40
120
400
kΩ
IOZ1
SO
VO=5.5V or VSS
VDD=5.5V
-1
1
IOZ2
Output Off-state
Current
/INTR, 32KOUT
VO=5.5V
VDD=5.5V
-1
1
µ
A
IDD
(Rx5C34
8A)
VDD
VDD=3V,
CE= OPEN
Output = OPEN
32KOUT=OFF
*1)
0.35
0.80
IDD
(Rx5C34
8B)
Time Keeping Current
VDD
VDD=3V,
CE= OPEN
Output = OPEN
32KOUT=ON
0.55
1.00
µ
A
VDETH
Supply Voltage
Monitoring Voltage “H”
VDD
Topt=-30 to +70°C
1.90
2.10
2.30
VDETL
Supply Voltage
Monitoring Voltage “L”
VDD
Topt=-30 to +70°C
1.45
1.60
1.80
V
CG
Internal Oscillation
Capacitance 1
OSCIN
12
CD
Internal Oscillation
Capacitance 2
OSCOUT
12
pF
*1) For time keeping current when outputting 32.768kHz from the 32KOUT pin, see “P.40.
Typical
Characteristics”.
12345
- 5 -
*RT5C348B (TSSOP10G) and RS5C348B (SSOP10) are the discontinued products. As of July in 2016.


Similar Part No. - RT5C348B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RT5C348B RICOH-RT5C348B Datasheet
1Mb / 45P
   4-WIRE SERIAL INTERFACE
RT5C348B RICOH-RT5C348B Datasheet
1Mb / 47P
   4-wire Serial Interface
More results

Similar Description - RT5C348B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C348A-E2-F RICOH-RV5C348A-E2-F Datasheet
1Mb / 47P
   4-wire Serial Interface
R2043K RICOH-R2043K Datasheet
468Kb / 48P
   4-wire Serial Interface
RX5C348A RICOH-RX5C348A Datasheet
1Mb / 45P
   4-WIRE SERIAL INTERFACE
logo
Renesas Technology Corp
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
   Two-wire serial interface Two-wire serial interface
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
logo
ON Semiconductor
AR0135AT ONSEMI-AR0135AT Datasheet
703Kb / 5P
   Two-wire Serial Interface
January, 2016 ??Rev. 0
logo
Renesas Technology Corp
R1EX24032ASAS0G RENESAS-R1EX24032ASAS0G Datasheet
267Kb / 18P
   Two-wire serial interface
logo
RICOH electronics devic...
R2045S RICOH-R2045S Datasheet
636Kb / 50P
   4-wire Serial Interface Real Time Clock Module
R2043T-E2-F RICOH-R2043T-E2-F Datasheet
868Kb / 52P
   4-wire Serial Interface Real Time Clock IC
logo
Epson Company
RX-4045SA EPSON-RX-4045SA Datasheet
49Kb / 3P
   4-wire serial interface high-stability RTC module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com