Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C348B Datasheet(PDF) 43 Page - RICOH electronics devices division

Part # RV5C348B
Description  4-wire Serial Interface
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C348B Datasheet(HTML) 43 Page - RICOH electronics devices division

Back Button RV5C348B Datasheet HTML 39Page - RICOH electronics devices division RV5C348B Datasheet HTML 40Page - RICOH electronics devices division RV5C348B Datasheet HTML 41Page - RICOH electronics devices division RV5C348B Datasheet HTML 42Page - RICOH electronics devices division RV5C348B Datasheet HTML 43Page - RICOH electronics devices division RV5C348B Datasheet HTML 44Page - RICOH electronics devices division RV5C348B Datasheet HTML 45Page - RICOH electronics devices division RV5C348B Datasheet HTML 46Page - RICOH electronics devices division RV5C348B Datasheet HTML 47Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
Rx5C348A/B
Reading Time and Calendar Data
(1) Ordinary Process of Reading Time and Calendar Data
Read from Time Counter
and Calendar Counter
*2)
CE ← L
CE ← H
*1)
*1) When writing to clock and calendar counters, do not insert Stop Condition
until all times from second to year have been written to prevent error in
writing time. (Detailed "P.24
Considerations in Reading and Writing
Time Data under special condition".
*2) Take care so that process from Start Condition to Stop Condition will be
complete within 0.5sec.
(Detailed in "P.24
Considerations in
Reading and Writing Time Data under special condition".
(2) Basic Process of Reading Time and Calendar Data with Periodic Interrupt Function
*1) This step is intended to select the level mode as a
waveform mode for the periodic interrupt function.
*2) This step must be completed within 1.0 second.
*3) This step is intended to set the CTFG bit to 0 in the
Control Register 2 to cancel an interrupt to the CPU.
*2)
Other Interrupt
Processes
Set Periodic Interrupt
Cycle Selection Bits
CTFG=1?
Read from Time Counter
and Calendar Counter
Yes
No
Control Register 2
(X1X1X011)
Generate Interrupt in CPU
*1)
*3)
12345
- 43 -
*RT5C348B (TSSOP10G) and RS5C348B (SSOP10) are the discontinued products. As of July in 2016.


Similar Part No. - RV5C348B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C348B RICOH-RV5C348B Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C348B RICOH-RV5C348B Datasheet
1Mb / 45P
   4-WIRE SERIAL INTERFACE
RV5C348B RICOH-RV5C348B Datasheet
1Mb / 47P
   4-wire Serial Interface
More results

Similar Description - RV5C348B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C348A-E2-F RICOH-RV5C348A-E2-F Datasheet
1Mb / 47P
   4-wire Serial Interface
R2043K RICOH-R2043K Datasheet
468Kb / 48P
   4-wire Serial Interface
RX5C348A RICOH-RX5C348A Datasheet
1Mb / 45P
   4-WIRE SERIAL INTERFACE
logo
Renesas Technology Corp
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
   Two-wire serial interface Two-wire serial interface
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
logo
ON Semiconductor
AR0135AT ONSEMI-AR0135AT Datasheet
703Kb / 5P
   Two-wire Serial Interface
January, 2016 ??Rev. 0
logo
Renesas Technology Corp
R1EX24032ASAS0G RENESAS-R1EX24032ASAS0G Datasheet
267Kb / 18P
   Two-wire serial interface
logo
RICOH electronics devic...
R2045S RICOH-R2045S Datasheet
636Kb / 50P
   4-wire Serial Interface Real Time Clock Module
R2043T-E2-F RICOH-R2043T-E2-F Datasheet
868Kb / 52P
   4-wire Serial Interface Real Time Clock IC
logo
Epson Company
RX-4045SA EPSON-RX-4045SA Datasheet
49Kb / 3P
   4-wire serial interface high-stability RTC module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com