Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C348A Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RV5C348A
Description  4-wire Serial Interface
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C348A Datasheet(HTML) 2 Page - RICOH electronics devices division

  RV5C348A Datasheet HTML 1Page - RICOH electronics devices division RV5C348A Datasheet HTML 2Page - RICOH electronics devices division RV5C348A Datasheet HTML 3Page - RICOH electronics devices division RV5C348A Datasheet HTML 4Page - RICOH electronics devices division RV5C348A Datasheet HTML 5Page - RICOH electronics devices division RV5C348A Datasheet HTML 6Page - RICOH electronics devices division RV5C348A Datasheet HTML 7Page - RICOH electronics devices division RV5C348A Datasheet HTML 8Page - RICOH electronics devices division RV5C348A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
Rx5C348A/B
PIN CONFIGURATION
SCLK
SO
/INTR
VSS
VDD
OSCIN
CE
1
2
3
4
56
7
9
TOP VIEW
Rx5C348A/B
32KOUT
10
8
SI
OSCOUT
BLOCK DIAGRAM
32kHz
OUTPUT
CONTROL
OSC
COMPARATOR_D
ALARM_D REGISTER
(MIN,HOUR)
ADDRESS
DECODER
ADDRESS
REGISTER
VOLTAGE
DETECT
DIV
TIME COUNTER
(SEC,MIN,HOUR,WEEK,DAY,MONTH,YEAR)
SHIFT REGISTER
I/O
CONTROL
32KOUT
INTERRUPT CONTROL
SCLK
DIVIDER
CORREC
-TION
VDD
VSS
COMPARATOR_W
ALARM_W REGISTER
(MIN,HOUR, WEEK)
CE
OSC
DETECT
SI
/INTR
SO
OSCIN
OSCOUT
12345
- 2 -
*RT5C348B (TSSOP10G) and RS5C348B (SSOP10) are the discontinued products. As of July in 2016.


Similar Part No. - RV5C348A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C348A RICOH-RV5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C348A RICOH-RV5C348A Datasheet
1Mb / 45P
   4-WIRE SERIAL INTERFACE
RV5C348A RICOH-RV5C348A Datasheet
1Mb / 47P
   4-wire Serial Interface
RV5C348A-E2-F RICOH-RV5C348A-E2-F Datasheet
1Mb / 47P
   4-wire Serial Interface
More results

Similar Description - RV5C348A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C348A-E2-F RICOH-RV5C348A-E2-F Datasheet
1Mb / 47P
   4-wire Serial Interface
R2043K RICOH-R2043K Datasheet
468Kb / 48P
   4-wire Serial Interface
RX5C348A RICOH-RX5C348A Datasheet
1Mb / 45P
   4-WIRE SERIAL INTERFACE
logo
Renesas Technology Corp
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
   Two-wire serial interface Two-wire serial interface
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
logo
ON Semiconductor
AR0135AT ONSEMI-AR0135AT Datasheet
703Kb / 5P
   Two-wire Serial Interface
January, 2016 ??Rev. 0
logo
Renesas Technology Corp
R1EX24032ASAS0G RENESAS-R1EX24032ASAS0G Datasheet
267Kb / 18P
   Two-wire serial interface
logo
RICOH electronics devic...
R2045S RICOH-R2045S Datasheet
636Kb / 50P
   4-wire Serial Interface Real Time Clock Module
R2043T-E2-F RICOH-R2043T-E2-F Datasheet
868Kb / 52P
   4-wire Serial Interface Real Time Clock IC
logo
Epson Company
RX-4045SA EPSON-RX-4045SA Datasheet
49Kb / 3P
   4-wire serial interface high-stability RTC module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com