Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2061K01-E2 Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R2061K01-E2
Description  3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2061K01-E2 Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R2061K01-E2 Datasheet HTML 5Page - RICOH electronics devices division R2061K01-E2 Datasheet HTML 6Page - RICOH electronics devices division R2061K01-E2 Datasheet HTML 7Page - RICOH electronics devices division R2061K01-E2 Datasheet HTML 8Page - RICOH electronics devices division R2061K01-E2 Datasheet HTML 9Page - RICOH electronics devices division R2061K01-E2 Datasheet HTML 10Page - RICOH electronics devices division R2061K01-E2 Datasheet HTML 11Page - RICOH electronics devices division R2061K01-E2 Datasheet HTML 12Page - RICOH electronics devices division R2061K01-E2 Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
R2061x
NO.EA-112-160701
9
* R2061K (FFP12) is the discontinued product as of July, 2016.
AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified: VSS=0V,Topt=-40 to +85
C
Input and Output Conditions: VIH=0.8
VCC,VIL=0.2VCC,VOH=0.8VCC,VOL=0.2VCC,CL=50pF
Sym
-bol
Item
Condi-
Tions
VDD
1.7V *1)
Unit
Min.
Typ.
Max.
tCES
CE Set-up Time
400
ns
tCEH
CE Hold Time
400
ns
tCR
CE Recovery Time
62
s
fSCLK
SCLK Clock Frequency
1.0
MHz
tCKH
SCLK Clock ”H” Time
400
ns
tCKL
SCLK Clock ”L” Time
400
ns
tCKS
SCLK Set-up Time
200
ns
tRD
Data Output Delay Time
300
ns
tRZ
Data Output Floating Time
300
ns
tCEZ
Data Output Delay Time After
Falling of CE
300
ns
tDS
Input Data Set-up Time
200
ns
tDH
Input Data Hold Time
200
ns
tDELAY
Output Delay Time of Voltage
Detector
Time
Keeping
100
105
110
ms
*1) VCC voltage interfacing with CPU is defined by Vaccess (P.5 RECOMMENDED OPERATING
CONDITIONS)
*)
For reading/writing timing, see “P.31 Interfacing with the CPU
Considerations in Reading and Writing
Time Data under special condition”.
SCLK
tCES
SIO(read cycle)
SIO(write cycle)
CE
tRD
tCKL
tCEZ
tDS
tDH
tRD
tCEH
tCKH
tCKS
tCR
tRZ
VDCC
VCC
tDELAY
+VDET1


Similar Part No. - R2061K01-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2061K01-E2 RICOH-R2061K01-E2 Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
More results

Similar Description - R2061K01-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2062 RICOH-R2062 Datasheet
706Kb / 55P
   3 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2061K RICOH-R2061K Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2051 RICOH-R2051 Datasheet
717Kb / 58P
   2 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
   I2C Real Time Clock with Battery Backup
logo
RICOH electronics devic...
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com