Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2051S01-E2-F Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R2051S01-E2-F
Description  High precision I2C-Bus Real-Time Clock Module
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2051S01-E2-F Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R2051S01-E2-F Datasheet HTML 6Page - RICOH electronics devices division R2051S01-E2-F Datasheet HTML 7Page - RICOH electronics devices division R2051S01-E2-F Datasheet HTML 8Page - RICOH electronics devices division R2051S01-E2-F Datasheet HTML 9Page - RICOH electronics devices division R2051S01-E2-F Datasheet HTML 10Page - RICOH electronics devices division R2051S01-E2-F Datasheet HTML 11Page - RICOH electronics devices division R2051S01-E2-F Datasheet HTML 12Page - RICOH electronics devices division R2051S01-E2-F Datasheet HTML 13Page - RICOH electronics devices division R2051S01-E2-F Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
R2025S/D
10
Address Mapping
Address
Register Name
D a t a
A3A2A1A0
D7
D6
D5
D4
D3
D2
D1
D0
0
0 0 0 0
Second Counter
-
*2)
S40
S20
S10
S8
S4
S2
S1
1
0 0 0 1
Minute Counter
-
M40
M20
M10
M8
M4
M2
M1
2
0 0 1 0
Hour Counter
-
-
H20
P
⋅/A
H10
H8
H4
H2
H1
3
0 0 1 1
Day-of-week Counter
-
-
-
-
-
W4
W2
W1
4
0 1 0 0
Day-of-month Counter
-
-
D20
D10
D8
D4
D2
D1
5
0 1 0 1
Month Counter and
Century Bit
/19
⋅20
-
-
MO10
MO8
MO4
MO2
MO1
6
0 1 1 0
Year Counter
Y80
Y40
Y20
Y10
Y8
Y4
Y2
Y1
7
0 1 1 1
Oscillation Adjustment
Register *3)
(0)
*4)
F6
F5
F4
F3
F2
F1
F0
8
1 0 0 0
Alarm_W
(Minute Register)
-
WM40
WM20
WM10
WM8
WM4
WM2
WM1
9
1 0 0 1
Alarm_W
(Hour Register)
-
-
WH20
WP
⋅/ A
WH10
WH8
WH4
WH2
WH1
A
1 0 1 0
Alarm_W
(Day-of-week
Register)
-
WW6
WW5
WW4
WW3
WW2
WW1
WW0
B
1 0 1 1
Alarm_D
(Minute Register)
-
DM40
DM20
DM10
DM8
DM4
DM2
DM1
C
1 1 0 0
Alarm_D
(Hour Register)
-
-
DH20
DP
⋅/A
DH10
DH8
DH4
DH2
DH1
D
1 1 0 1
-
-
-
-
-
-
-
-
E
1 1 1 0
Control Register 1 *3)
WALE
DALE
/12
⋅24 /CLEN2
TEST
CT2
CT1
CT0
F
1 1 1 1
Control Register 2 *3)
VDSL
VDET
/XST
PON
*5)
/CLEN1 CTFG
WAFG
DAFG
Notes:
*1) All the data listed above accept both reading and writing.
*2) The data marked with "-" is invalid for writing and reset to 0 for reading.
*3) When the PON bit is set to 1 in Control Register 2, all the bits are reset to 0 in Oscillation Adjustment
Register, Control Register 1 and Control Register 2 excluding the /XST and PON bits.
*4) The (0) bit should be set to 0.
*5) /XST is oscillation halt sensing bit.
*6) PON is power-on reset flag.


Similar Part No. - R2051S01-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2051S01-E2 RICOH-R2051S01-E2 Datasheet
717Kb / 58P
   2 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
More results

Similar Description - R2051S01-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2025S RICOH-R2025S Datasheet
563Kb / 47P
   High precision I2C-Bus Real-Time Clock Module
R2025S-E2-F RICOH-R2025S-E2-F Datasheet
739Kb / 49P
   High precision I2C-Bus Real-Time Clock Module
logo
Epson Company
RA8900SA EPSON-RA8900SA Datasheet
335Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RTC-8564NB EPSON-RTC-8564NB Datasheet
298Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RX-8035SA EPSON-RX-8035SA Datasheet
283Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
logo
Diodes Incorporated
PT7C433833A DIODES-PT7C433833A Datasheet
2Mb / 20P
   Real-time Clock Module (I2C Bus)
Rev 2 - 2 June 2019
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307 Datasheet
516Kb / 20P
   Real-time Clock Module (I2C Bus)
PT7C433833 PERICOM-PT7C433833 Datasheet
626Kb / 17P
   Real-time Clock Module (I2C Bus)
logo
List of Unclassifed Man...
PT7C4337 ETC2-PT7C4337 Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
logo
Epson Company
RX-8025SA EPSON-RX-8025SA Datasheet
303Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com