Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDD701 Datasheet(PDF) 3 Page - Naina Semiconductor ltd.

Part # NDD701
Description  Diode-Diode Module, 700 Amps
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

NDD701 Datasheet(HTML) 3 Page - Naina Semiconductor ltd.

  NDD701 Datasheet HTML 1Page - Naina Semiconductor ltd. NDD701 Datasheet HTML 2Page - Naina Semiconductor ltd. NDD701 Datasheet HTML 3Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Naina Semiconductor Ltd.
NDD701
3
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Ordering Table
NDD
701
N
160
1
2
3
4
1 – Power Module
>
DD = Diode-Diode
>
TD = Thyristor-Diode
>
TT = Thyristor-Thyristor
2 – Current Rating =
IF(AV)
3 – Circuit Configuration (see Table)
4 – Voltage Code x 10 (see Voltage Ratings table)


Similar Part No. - NDD701

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NDD72A NAINA-NDD72A Datasheet
197Kb / 3P
   Diode/Diode Module, 70A
More results

Similar Description - NDD701

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NDD26A NAINA-NDD26A Datasheet
172Kb / 3P
   Diode-Diode Module, 31 Amps
NDD46A NAINA-NDD46A Datasheet
180Kb / 3P
   Diode-Diode Module, 47 Amps
NDD162C NAINA-NDD162C Datasheet
203Kb / 3P
   Diode-Diode Module, 195 Amps
NDD100 NAINA-NDD100 Datasheet
215Kb / 3P
   Diode-Diode Module, 100 Amps
NDD212C NAINA-NDD212C Datasheet
202Kb / 3P
   Diode-Diode Module, 212 Amps
NDD132 NAINA-NDD132 Datasheet
213Kb / 3P
   Diode-Diode Module, 130 Amps
NDD212 NAINA-NDD212 Datasheet
205Kb / 3P
   Diode-Diode Module, 212 Amps
NDD81B NAINA-NDD81B Datasheet
174Kb / 3P
   Diode-Diode Module, 82 Amps
NDD81 NAINA-NDD81 Datasheet
216Kb / 3P
   Diode-Diode Module, 82 Amps
NDD132C NAINA-NDD132C Datasheet
211Kb / 3P
   Diode-Diode Module, 130 Amps
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com