Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40NS Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 40NS
Description  Standard Recovery Diodes (Stud and Lead Type), 40A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

40NS Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  40NS_17 Datasheet HTML 1Page - Naina Semiconductor ltd. 40NS_17 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
40NS(R)
1
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Standard Recovery Diodes (Stud and Lead Type), 40A
Features
Diffused Series
Industrial grade
Available in Normal and Reverse polarity
Metric and UNF thread type
DO-203AB (DO-5)
Electrical Specifications (TA = 25oC, unless otherwise noted)
Symbol
Parameters
Values
Units
IF(AV)
Maximum avg. forward current @ TC = 150oC
40
A
VFM
Maximum peak forward voltage drop @ rated
IF(AV)
1.2
V
IFSM
Maximum peak one cycle (non-rep) surge
current @ 10 msec
500
A
I2t
Maximum I2t rating (non-rep) for 5 to 10 msec
1250
A2sec
Voltage Ratings (TA = 25oC, unless otherwise noted)
Type
number
Voltage
Code
VRRM, Maximum
repetitive peak
reverse voltage
(V)
VR(RMS), Maximum
RMS reverse
voltage
(V)
VR, Maximum
DC blocking
voltage
(V)
Recommended RMS
working voltage
(V)
IRRM, Maximum
reverse leakage
current
(mA)
10
100
70
100
40
20
200
140
200
80
40
400
280
400
160
60
600
420
600
240
40NS(R)
80
800
560
800
320
10
100
1000
700
1000
400
120
1200
840
1200
480
140
1400
980
1400
560
160
1600
1120
1600
640
Thermal & Mechanical Specifications (TA = 25oC, unless otherwise noted)
Symbol
Parameters
Values
Units
Rth(JC)
Maximum thermal resistance, junction to case
1.0
oC/W
TJ
Operating junction temperature range
-65 to 150
oC
Tstg
Storage temperature
-65 to 150
oC
F
Mounting torque (non-lubricated threads)
3.5 ± 10%
Nm
W
Approximate allowable weight
17
g


Similar Part No. - 40NS_17

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
40NSR10 NAINA-40NSR10 Datasheet
120Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
40NSR100 NAINA-40NSR100 Datasheet
120Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
40NSR120 NAINA-40NSR120 Datasheet
120Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
40NSR140 NAINA-40NSR140 Datasheet
120Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
40NSR160 NAINA-40NSR160 Datasheet
120Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
More results

Similar Description - 40NS_17

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
40-NSR NAINA-40-NSR Datasheet
170Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type), 40A
40NS NAINA-40NS_11 Datasheet
120Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
70NS NAINA-70NS_1 Datasheet
118Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
85NS NAINA-85NS_11 Datasheet
119Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
25NS NAINA-25NS_17 Datasheet
688Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
85NS NAINA-85NS_1 Datasheet
117Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
40NS NAINA-40NS_1 Datasheet
119Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
70NS NAINA-70NS_11 Datasheet
120Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
25-NSR NAINA-25-NSR Datasheet
178Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type), 25A
70-NSR NAINA-70-NSR Datasheet
178Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type), 70A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com