Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

540-88-020-17-400 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part No. 540-88-020-17-400
Description  PGA / BGA / PLCC SOCKETS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PREDIP [Precid-Dip Durtal SA]
Homepage  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

540-88-020-17-400 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  540-88-020-17-400 Datasheet HTML 1Page - Precid-Dip Durtal SA 540-88-020-17-400 Datasheet HTML 2Page - Precid-Dip Durtal SA 540-88-020-17-400 Datasheet HTML 3Page - Precid-Dip Durtal SA 540-88-020-17-400 Datasheet HTML 4Page - Precid-Dip Durtal SA 540-88-020-17-400 Datasheet HTML 5Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PGA / BGA / PLCC SOCKETS
SERIES
540
540-88-020-17-400
PLCC
Socket for Plastic Leaded Chip carrier (PLCC), Surface mount
PLCC sockets with SMT terminations come with square
sizes for IC-packages according to JEDEC MO-047,
rectangular size (32) according to JEDEC MO-052 = low
profile.
TECHNICAL SPECS.:
Insulator
Glass filled thermoplastic PPS-GF30-FR
Flammability
UL 94V-O
Contact
Phosphor bronze
Contact pressure
Min. 1.5 N per contact
Mechanical life
Min. 50 cycles
Rated current
1 A
Contact resistance
Max. 20 m
Dielectric strength
Min. 600 V RMS
Insulation resistance
Min. 5000 M
Capacitance
Max. 2 pF
Coplanarity SMD terminations
Max. 0.1 mm
ORDERING INFORMATION:
PP Plating code
Terminaison
Contact
88
Tin
Tin
Options: Tape & Reel packaging: add suffix -TR to part number.Parts with positioning pegs: add suffix -2 to part
number (only available for No. of poles 32 and 68).
ADVANCED INFORMATION:
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn