Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

115-87-636-41-003101 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part No. 115-87-636-41-003101
Description  DIL SOCKETS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

115-87-636-41-003101 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  115-87-636-41-003101 Datasheet HTML 1Page - Precid-Dip Durtal SA 115-87-636-41-003101 Datasheet HTML 2Page - Precid-Dip Durtal SA 115-87-636-41-003101 Datasheet HTML 3Page - Precid-Dip Durtal SA 115-87-636-41-003101 Datasheet HTML 4Page - Precid-Dip Durtal SA 115-87-636-41-003101 Datasheet HTML 5Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DIL SOCKETS
SERIES
115
115-PP-636-41-003101
2.54 mm, Solder tail, Ultralow and very low profile
"Ultralow" sockets have specially designed
contacts for reduced socket above PCB.
TECHNICAL SPECS.:
Insulator
Black glass filled polyester PCT-GF30-FR
Flammability
UL 94V-O
Sleeve
Brass CuZn36Pb3 (C36000)
Contact
Clip (4 finger): Beryllium copper (C17200)
Accepted pin Ø
0.40 to 0.52 mm
Insertion force
3 N typ.
Withdrawal force
1.5 N typ. (polished steel gauge Ø 0.43 mm)
Mechanical life
Min. 100 cycles
Rated current
1 A
Contact resistance
Max. 10 m
Dielectric strength
Min. 1000 V RMS
ORDERING INFORMATION:
PP Plating code
Sleeve
Clip
87
Tin
Gold flash
83
Tin
Gold 0.75 µm
ADVANCED INFORMATION:
Order Codes
Poles
A
B
C
D
E
See
115-PP-306-41-003101
6
7.6
7.62
10.1
115-PP-308-41-003101
8
10.1
7.62
10.1
115-PP-310-41-003101
10
12.6
7.62
10.1
115-PP-314-41-003101
14
17.7
7.62
10.1
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn