Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

114-87-308-41-134191 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 114-87-308-41-134191
Description  DUAL-IN-LINE SOCKETS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

114-87-308-41-134191 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  114-87-308-41-134191 Datasheet HTML 1Page - Precid-Dip Durtal SA 114-87-308-41-134191 Datasheet HTML 2Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
W W W.PRECIDIP.COM
TEL +41 32 421 04 00
SALES@PRECIDIP.COM
DUAL-IN-LINE SOCKETS
OPEN FRAME / SURFACE MOUNT PICK AND PLACE
135
TECHNICAL SPECIFICATIONS (FOR GENERAL SPECS, SEE PAGE 127)
INSUL ATOR
Black glass filled polyester PCT-GF30-FR
FL AMMABILIT Y
UL 94V-O
SLEE VE
Brass CuZn36Pb3 (C36000)
CONTACT CLIP (4 FINGER)
Beryllium copper (C17200)
ACCEP TED PIN Ø
0.40 to 0.56 mm
FORCES
2 N typ. insertion
1 N typ. withdrawal
(polished steel gauge Ø 0.43 mm)
MECHANICAL LIFE
Min. 100 cycles
R ATED CURRENT
1 A
CONTACT RESISTANCE
Max. 10 m
DIELECTRIC STRENGTH
Min. 1’000 VRMS
COPL ANARIT Y
SMD TERMINATIONS
Max. 0.10 mm
ORDERING INFORMATION ROHS COMPLIANT PARTS
PP PL ATING CODE
SLEE VE
CLIP
87
Tin
Flash gold
83
Tin
0.75 μm gold
Specially designed for reflow soldering including vapor phase with unique self-aligning floating contacts.
Other plating on request (see page 178 for plating specs).
Tape & Reel packaging:
replace 161 by suffix 191 to part number. Other pin counts please consult.
Please consult www.precidip.com for availability size of tape, size of
reel, number of components per reel, packing units and part numbers.
Due to technical progress, all information provided is subject to change without prior notice.
NO. OF POLES
A
B
C
E
ORDER CODES
6
7.6
7.62
10.1
7.6
114-PP-306-41-134161
8
10.1
7.62
10.1
10.1
114-PP-308-41-134161
10
12.6
7.62
10.1
12.6
114-PP-310-41-134161
12
15.2
7.62
10.1
5.3
114-PP-312-41-134161
14
17.8
7.62
10.1
5.3
114-PP-314-41-134161
16
20.3
7.62
10.1
5.3
114-PP-316-41-134161
18
22.9
7.62
10.1
5.3
114-PP-318-41-134161
20
25.4
7.62
10.1
8.3
114-PP-320-41-134161
24
30.4
7.62
10.1
8.3
114-PP-324-41-134161
28
35.6
7.62
10.1
8.3
114-PP-328-41-134161
28
35.5
15.24
17.7
10.0
114-PP-628-41-134161
32
40.6
15.24
17.7
10.0
114-PP-632-41-134161
40
50.8
15.24
17.7
10.0
114-PP-640-41-134161
42
53.4
15.24
17.7
10.0
114-PP-642-41-134161
INSULATOR
PCB LAYOUT


Similar Part No. - 114-87-308-41-134191

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
114-87-308-41-134161 PREDIP-114-87-308-41-134161 Datasheet
23Kb / 5P
   DIL SOCKETS
More results

Similar Description - 114-87-308-41-134191

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
110-87-318-41-001101 PREDIP-110-87-318-41-001101 Datasheet
90Kb / 2P
   DUAL-IN-LINE SOCKETS
110-87-324-41-001101 PREDIP-110-87-324-41-001101 Datasheet
90Kb / 2P
   DUAL-IN-LINE SOCKETS
110-87-308-41-105191 PREDIP-110-87-308-41-105191 Datasheet
95Kb / 2P
   DUAL-IN-LINE SOCKETS
110-87-632-41-001151 PREDIP-110-87-632-41-001151 Datasheet
90Kb / 2P
   DUAL-IN-LINE SOCKETS
110-87-306-41-001101 PREDIP-110-87-306-41-001101 Datasheet
90Kb / 2P
   DUAL-IN-LINE SOCKETS
110-87-640-41-001151 PREDIP-110-87-640-41-001151 Datasheet
90Kb / 2P
   DUAL-IN-LINE SOCKETS
110-93-628-41-001 PREDIP-110-93-628-41-001 Datasheet
40Kb / 1P
   Dual-in-line sockets Open frame Solder tail
210-91-306-41-001 PREDIP-210-91-306-41-001 Datasheet
37Kb / 1P
   Dual-in-line sockets Closed frame Solder tail
logo
Mill-Max Mfg. Corp.
110-13-308-41-001000 MILL-MAX-110-13-308-41-001000 Datasheet
137Kb / 1P
   DUAL-IN-LINE SOCKETS Standard Solder Tail Open Frame
299 MILL-MAX-299 Datasheet
197Kb / 1P
   DUAL-IN-LINE SOCKETS Right Angle Mount Closed Frame
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com