Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1036019 Datasheet(PDF) 5 Page - SICK AG

Part No. 1036019
Description  MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTA
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SICK [SICK AG]
Homepage  http://www.sick.com/
Logo 

1036019 Datasheet(HTML) 5 Page - SICK AG

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VFS60B-T4EK01024 | VFS60
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
Diagram
Recommended accessories
Other models and accessories
www.sick.com/VFS60
Brief description
Type
Part no.
Flanges
One-sided stator coupling, slot, slot radius 33 mm to 48.5 mm, slot width 5.1 mm
BEF-DS01DFS/VFS
2047428
One-sided stator coupling, slot, slot radius 32.25 mm to 141.75 mm, slot width 5.1 mm
BEF-DS02DFS/VFS
2047430
One-sided stator coupling, slot, slot radius 33 mm to 211.9 mm, slot width 5.1 mm
BEF-DS03DFS/VFS
2047431
2017-07-07 18:51:26 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn