Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JWMW12BBA-B Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JWMW12BBA-B
Description  General Specifications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JWMW12BBA-B Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

  JWMW12BBA-B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12BBA-B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12BBA-B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12BBA-B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12BBA-B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12BBA-B Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12BBA-B Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12BBA-B Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12BBA-B Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Series JW
High Inrush 10 & 16 Amp Rockers
B47
B
www.nkkswitches.com
OPTIONAL DUST COVER
(42.0)
1.654
(33.0)
1.299
(8.6)
.339
(2.6)
.102
(22.2)
.874
Top
Side
Bottom
Assembly Instructions:
1. Insert bottom of switch through the base until
the tabs lock into place.
2. Snap the switch into the panel.
3. Seat the lid into the grooves of the base.
Notes
1. The dust cover is not for use with JWLW.
2. The dust cover cannot be used with the barrier option.
AT4126
Dust Cover for JWL Rocker
When installed, the Dust Cover protects the switch from an environment containing
small particles and dust. The switch is operable with the Dust Cover in place.
Materials:
Recommended Temperature Range:
Lid: Clear Polyvinyl Chloride
–10° ~ +70°C (+14°F ~ +158°F)
Base: Black Polyamide
Loses pliability below 0°C (+32°F)
Recommended Panel Thickness:
.031” ~ .134” (0.8mm ~ 3.4mm)
Switch
Lid
Base
Groove
Groove
TYPICAL SWITCH DIMENSIONS FOR JWLW
(24.4)
.961
(17.6)
.693
(27.0)
1.063
Part No.
(0.8) Typ
.031
(21.3)
.839
(2.7)
.106
(7.5)
.295
(28.0)
1.102
(7.9)
.311
(20.2)
.795
26°
(9.8) Typ
.386
2b
1b
COM
COM
2a
1a
(4.75) Typ
.187
(9.0)
.354
(37.3)
1.469
(20.0)
.787
21
Double Pole Double Throw
Panel Seal • 16 Amp • No Inscription
JWLW22RAA


Similar Part No. - JWMW12BBA-B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWMW12BB NKK-JWMW12BB Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
JWMW12BB1 NKK-JWMW12BB1 Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
logo
List of Unclassifed Man...
JWMW12BB1A-A ETC2-JWMW12BB1A-A Datasheet
309Kb / 9P
   High Inrush 10 & 16 Amp Rockers
logo
Nihon Kaiheiki Industry...
JWMW12BB1A-A NKK-JWMW12BB1A-A Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
logo
List of Unclassifed Man...
JWMW12BB1A-B ETC2-JWMW12BB1A-B Datasheet
309Kb / 9P
   High Inrush 10 & 16 Amp Rockers
More results

Similar Description - JWMW12BBA-B

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com