Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDEEB2470KA0N00 Datasheet(PDF) 1 Page - Kemet Corporation

Part # LDEEB2470KA0N00
Description  Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.047 uF, 10%, 100 V, 63 V, 125C, 1210, 2.1mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDEEB2470KA0N00 Datasheet(HTML) 1 Page - Kemet Corporation

  LDEEB2470KA0N00 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 783524b5-ff2e-4c43-b670-68f456d55a83
KEMET Part Number: LDEEB2470KA0N00
(DEEB2470KA0N00)
Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.047 uF, 10%, 100 V, 63 V, 125C, 1210, 2.1mm
Dimensions
Chip Size
1210
L
3.3mm +0.3/-0.1mm
W
2.5mm +/-0.3mm
T
2.1mm MAX
B
0.5mm +0.5/-0.3mm
Packaging Specifications
Packaging: T&R
Packaging Quantity: 2250
General Information
Dielectric: Metallized PEN Stacked
Style: SMD Chip
Series: LDE
RoHS: Yes
Approvals: AEC-Q200
AEC-Q200: Yes
Specifications
Capacitance: 0.047 uF
Capacitance Tolerance: 10%
Voltage DC: 100 VDC
Voltage AC: 63 V
Temperature Range: -55/+125C
Rated Temperature: 125C
Dissipation Factor: 0.8% 1kHz
Insulation Resistance: 1 GOhms
Max dVdt: 100 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - LDEEB2470KA0N00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDEEB2470 ETC1-LDEEB2470 Datasheet
499Kb / 8P
   PEN-PET H.T
logo
Kemet Corporation
LDEEB2470JA0N00 KEMET-LDEEB2470JA0N00 Datasheet
60Kb / 1P
   LDE, Film, Metallized PEN Stacked, Automotive Grade, 0.047 uF, 5%, 100 V, 63 VAC, 125C, 1210, 2.1mm
More results

Similar Description - LDEEB2470KA0N00

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDECB2470KA0N00 KEMET-LDECB2470KA0N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.047 uF, 10%, 50 V, 40 V, 125C, 1210, 2.1mm
LDEDB3100KA0N00 KEMET-LDEDB3100KA0N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.1 uF, 10%, 63 V, 40 V, 125C, 1210, 2.1mm
LDEEB2470JA0N00 KEMET-LDEEB2470JA0N00 Datasheet
60Kb / 1P
   LDE, Film, Metallized PEN Stacked, Automotive Grade, 0.047 uF, 5%, 100 V, 63 VAC, 125C, 1210, 2.1mm
LDEDB3100JA0N00 KEMET-LDEDB3100JA0N00 Datasheet
57Kb / 1P
   LDE, Film, Metallized PEN Stacked, Commercial Grade, 0.1 uF, 5%, 63 V, 40 V, 125C, 1210, 2.1mm
LDEEB2220KA0N00 KEMET-LDEEB2220KA0N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.022 uF, 10%, 100 V, 63 V, 125C, 1210, 1.5mm
LDEIB2100KA0N00 KEMET-LDEIB2100KA0N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.01 uF, 10%, 250 V, 120 V, 125C, 1210, 2.1mm
LDEED3220KA5N00 KEMET-LDEED3220KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.22 uF, 10%, 100 V, 63 V, 125C, 2220, 2.4mm
LDEEC2680KA5N00 KEMET-LDEEC2680KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.068 uF, 10%, 100 V, 63 V, 125C, 1812, 1.8mm
LDEED3330KA5N00 KEMET-LDEED3330KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.33 uF, 10%, 100 V, 63 V, 125C, 2220, 3.3mm
LDEEE3470KA5N00 KEMET-LDEEE3470KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.47 uF, 10%, 100 V, 63 V, 125C, 2824, 3mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com