Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430FR2111IRLLR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430FR2111IRLLR
Description  Mixed-Signal Microcontrollers
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111IRLLR Datasheet(HTML) 12 Page - Texas Instruments

Back Button MSP430FR2111IRLLR Datasheet HTML 8Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 9Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 10Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 11Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 12Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 13Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 14Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 15Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
12
MSP430FR2111, MSP430FR2110, MSP430FR2100, MSP430FR2000
SLASE78B – AUGUST 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110 MSP430FR2100 MSP430FR2000
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
Any unused pin with a secondary function that is shared with general-purpose I/O should follow the Px.0 to Px.7 unused pin connection
guidelines.
(2)
The pulldown capacitor should not exceed 1.1 nF when using devices with Spy-Bi-Wire interface in Spy-Bi-Wire mode with TI tools like
FET interfaces or GANG programmers.
4.4
Pin Multiplexing
Pin multiplexing for these devices is controlled by both register settings and operating modes (for
example, if the device is in test mode). For details of the settings for each pin and schematics of the
multiplexed ports, see Section 6.11.15.
4.5
Connection of Unused Pins
Table 4-3 lists the correct termination of unused pins.
Table 4-3. Connection of Unused Pins(1)
PIN
POTENTIAL
COMMENT
Px.0 to Px.7
Open
Set to port function, output direction (PxDIR.n = 1)
RST/NMI
DVCC
47-k
Ω pullup or internal pullup selected with 10-nF (1.1 nF) pulldown(2)
TEST
Open
This pin always has an internal pulldown enabled.
(1)
Only for input pins
4.6
Buffer Type
Table 4-4 defines the pin buffer types that are listed in Table 4-1.
Table 4-4. Buffer Type
BUFFER TYPE
(STANDARD)
NOMINAL
VOLTAGE
HYSTERESIS
PU OR PD
NOMINAL
PU OR PD
STRENGTH
(µA)
OUTPUT
DRIVE
STRENGTH
(mA)
OTHER
CHARACTERISTICS
LVCMOS
3.0 V
Y(1)
Programmable
See
Section 5.13.4.
See
Section
5.13.4.1.
Analog
3.0 V
No
No
N/A
N/A
See the analog modules in
Section 5 for details.
Power (DVCC)
3.0 V
No
No
N/A
N/A
SVS enables hysteresis on
DVCC.
Power (AVCC)
3.0 V
No
No
N/A
N/A


Similar Part No. - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430FR2111IRLLR TI1-MSP430FR2111IRLLR Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz