Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430FR2111IRLLR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430FR2111IRLLR
Description  Mixed-Signal Microcontrollers
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111IRLLR Datasheet(HTML) 1 Page - Texas Instruments

  MSP430FR2111IRLLR Datasheet HTML 1Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 2Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 3Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 4Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 5Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 6Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 7Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 8Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
MSP430FR2111, MSP430FR2110, MSP430FR2100, MSP430FR2000
SLASE78B – AUGUST 2016 – REVISED JULY 2017
MSP430FR21xx, MSP430FR2000 Mixed-Signal Microcontrollers
1
Device Overview
1
1.1
Features
1
(1)
Operation voltage is restricted by SVS levels (see VSVSH– and
VSVSH+ in Power Supply Sequencing).
• Embedded Microcontroller
– 16-Bit RISC Architecture up to 16 MHz
– Wide Supply Voltage Range (1.8 V to 3.6 V) (1)
• Optimized Low-Power Modes (at 3 V)
– Active Mode: 120 µA/MHz
– Standby
– LPM3.5 With VLO: 1 µA
– Real-Time Clock (RTC) Counter (LPM3.5
With 32768-Hz Crystal): 1 µA
– Shutdown (LPM4.5): 34 nA Without SVS
• High-Performance Analog
– 8-Channel 10-Bit Analog-to-Digital Converter
(ADC)
– Integrated Temperature Sensor
– Internal 1.5-V Reference
– Sample-and-Hold 200 ksps
– Enhanced Comparator (eCOMP)
– Integrated 6-Bit DAC as Reference Voltage
– Programmable Hysteresis
– Configurable High-Power and Low-Power
Modes
• Low-Power Ferroelectric RAM (FRAM)
– Up to 3.75KB of Nonvolatile Memory
– Built-In Error Correction Code (ECC)
– Configurable Write Protection
– Unified Memory of Program, Constants, and
Storage
– 1015 Write Cycle Endurance
– Radiation Resistant and Nonmagnetic
• Intelligent Digital Peripherals
– One 16-Bit Timer With Three Capture/Compare
Registers (Timer_B3)
– One 16-Bit Counter-Only RTC Counter
– 16-Bit Cyclic Redundancy Checker (CRC)
• Enhanced Serial Communications
– Enhanced USCI A (eUSCI_A) Supports UART,
IrDA, and SPI
• Clock System (CS)
– On-Chip 32-kHz RC Oscillator (REFO)
– On-Chip 16-MHz Digitally Controlled Oscillator
(DCO) With Frequency-Locked Loop (FLL)
– ±1% Accuracy With On-Chip Reference at
Room Temperature
– On-Chip Very-Low-Frequency 10-kHz Oscillator
(VLO)
– On-Chip High-Frequency Modulation Oscillator
(MODOSC)
– External 32-kHz Crystal Oscillator (LFXT)
– Programmable MCLK Prescalar of 1 to 128
– SMCLK Derived From MCLK With
Programmable Prescalar of 1, 2, 4, or 8
• General Input/Output and Pin Functionality
– 12 I/Os on 16-Pin Package
– 8 Interrupt Pins (4 Pins of P1 and 4 Pins of P2)
Can Wake MCU From LPMs
– All I/Os are Capacitive Touch I/Os
• Development Tools and Software (Also See Tools
and Software)
– Free Professional Development Environments
– Development Kits (MSP-TS430PW20,
MSP
‑FET430U20, MSP‑EXP430FR2311, and
MSP
‑EXP430FR4133)
• Family Members (Also See Device Comparison)
– MSP430FR2111: 3.75KB of Program FRAM +
1KB of RAM
– MSP430FR2110: 2KB of Program FRAM +
1KB of RAM
– MSP430FR2100: 1KB of Program FRAM +
512 Bytes of RAM
– MSP430FR2000: 0.5KB of Program FRAM +
512 Bytes of RAM
• Package Options
– 16-Pin: TSSOP (PW16)
– 24-Pin: VQFN (RLL)
• For Complete Module Descriptions, See the
MSP430FR4xx and MSP430FR2xx Family User's
Guide
1.2
Applications
Appliance Battery Packs
Smoke and Heat Detectors
Door and Window Sensors
Lighting Sensors
Power Monitoring
Personal Care Electronics Portable
Health and Fitness Devices


Similar Part No. - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430FR2111IRLLR TI1-MSP430FR2111IRLLR Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz