Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430FR2111IRLLR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430FR2111IRLLR
Description  Mixed-Signal Microcontrollers
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111IRLLR Datasheet(HTML) 31 Page - Texas Instruments

Back Button MSP430FR2111IRLLR Datasheet HTML 27Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 28Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 29Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 30Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 31Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 32Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 33Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 34Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
31
MSP430FR2111, MSP430FR2110, MSP430FR2100, MSP430FR2000
www.ti.com
SLASE78B – AUGUST 2016 – REVISED JULY 2017
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110 MSP430FR2100 MSP430FR2000
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
5.13.9 Enhanced Comparator (eCOMP)
Table 5-21 lists the characteristics of the eCOMP.
(1)
For the eCOMP CIN model, see Figure 5-14.
(2)
This is measured over the input offset.
Table 5-21. eCOMP
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC
Supply voltage
2.0
3.6
V
VIC
Common-mode input
range
0
VCC
V
VHYS
DC input hysteresis
CPEN = 1, CPHSEL = 00
2.0 V to 3.6 V
0
mV
CPEN = 1, CPHSEL = 01
10
CPEN = 1, CPHSEL = 10
20
CPEN = 1, CPHSEL = 11
30
VOFFSET
Input offset voltage
CPEN = 1, CPMSEL = 0, CPHSEL = 00
2.0 V to 3.6 V
–40
±5
–40
mV
CPEN = 1, CPMSEL = 1, CPHSEL = 00
±10
ICOMP
Quiescent current draw
from VCC, only
comparator
VIC = VCC/2, CPEN = 1, CPMSEL = 0
2.0 V to 3.6 V
22
35
µA
VIC = VCC/2, CPEN = 1, CPMSEL = 1
1.3
3.5
IDAC
Quiescent current draw
from VCC, only DAC
CPDACREFS = 0, CPEN = 0
2.0 V to 3.6 V
0.5
µA
CIN
Input channel
capacitance(1)
2.0 V to 3.6 V
1
pF
RIN
Input channel series
resistance
On (switch closed)
2.0 V to 3.6 V
10
20
k
Off (switch open)
50
M
tPD
Propagation delay,
response time
CPMSEL = 0, CPFLT = 0,
Overdrive = 20 mV(2)
2.0 V to 3.6 V
1
µs
CPMSEL = 1, CPFLT = 0,
Overdrive = 20 mV(2)
2.4
tEN_CP
Comparator enable
time
CPEN = 0
→1, CPMSEL = 0,
V+ and V- from pads, Overdrive = 20 mV(2)
2.0 V to 3.6 V
9.3
µs
CPEN = 0
→1, CPMSEL = 1,
V+ and V- from pads, Overdrive = 20 mV(2)
12
tEN_CP_DAC
Comparator with
reference DAC enable
time
CPEN = 0
→1, CPDACEN=0→1,
CPMSEL = 0, CPDACREFS = 1,
CPDACBUF1 = 0F, Overdrive = 20 mV (2)
2.0 V to 3.6 V
9.3
µs
CPEN = 0
→1, CPDACEN=0→1,
CPMSEL = 1, CPDACREFS = 1,
CPDACBUF1 = 0F, Overdrive = 20 mV (2)
113
tFDLY
Propagation delay with
analog filter active
CPMSEL = 0, CPFLTDY = 00,
Overdrive = 20 mV,(2)
CPFLT = 1
2.0 V to 3.6 V
0.7
µs
CPMSEL = 0, CPFLTDY = 01,
Overdrive = 20 mV,(2)
CPFLT = 1
1.1
CPMSEL = 0, CPFLTDY = 10,
Overdrive = 20 mV,(2) CPFLT = 1
1.9
CPMSEL = 0, CPFLTDY = 11,
Overdrive = 20 mV,(2) CPFLT = 1
3.7
VCP_DAC
Reference voltage for
built-in 6-bit DAC
VIN = reference into 6-bit DAC,
DAC uses internal REF, n = 0 to 63
2.0 V to 3.6 V
VIN ×
n / 64
V
VIN = reference into 6-bit DAC,
DAC uses VCC as REF, n = 0 to 63
VIN ×
n / 64
INL
Integral nonlinearity
2.0 V to 3.6 V
–0.5
+0.5
LSB
DNL
Differential nonlinearity
2.0 V to 3.6 V
–0.5
+0.5
LSB


Similar Part No. - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430FR2111IRLLR TI1-MSP430FR2111IRLLR Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz