Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430FR2111IRLLR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430FR2111IRLLR
Description  Mixed-Signal Microcontrollers
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111IRLLR Datasheet(HTML) 23 Page - Texas Instruments

Back Button MSP430FR2111IRLLR Datasheet HTML 19Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 20Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 21Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 22Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 23Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 24Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 25Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 26Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
-10
-7.5
-5
-2.5
0
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
High-Level Output Voltage (V)
85°C
25 C
°
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
High-Level Output Voltage (V)
85°C
25°C
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
Low-Level Output Voltage (V)
85°C
25°C
0
2.5
5
7.5
10
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Low-Level Output Voltage (V)
85°C
25°C
23
MSP430FR2111, MSP430FR2110, MSP430FR2100, MSP430FR2000
www.ti.com
SLASE78B – AUGUST 2016 – REVISED JULY 2017
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110 MSP430FR2100 MSP430FR2000
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-10 lists the characteristics of the digital outputs.
(1)
The maximum total current, I(OHmax) and I(OLmax), for all outputs combined should not exceed ±48 mA to hold the maximum voltage drop
specified.
(2)
The port can output frequencies at least up to the specified limit and might support higher frequencies.
Table 5-10. Digital Outputs
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VOH
High-level output voltage (also see Figure 5-8 and
Figure 5-9)
I(OHmax) = –3 mA
(1)
2.0 V
1.4
2.0
V
I(OHmax) = –5 mA
(1)
3.0 V
2.4
3.0
VOL
Low-level output voltage (also see Figure 5-6 and
Figure 5-7)
I(OLmax) = 3 mA
(1)
2.0 V
0.0
0.60
V
I(OLmax) = 5 mA
(1)
3.0 V
0.0
0.60
fPort_CLK
Clock output frequency
CL = 20 pF
(2)
2.0 V
16
MHz
3.0 V
16
trise,dig
Port output rise time, digital only port pins
CL = 20 pF
2.0 V
10
ns
3.0 V
7
tfall,dig
Port output fall time, digital only port pins
CL = 20 pF
2.0 V
10
ns
3.0 V
5
5.13.4.1 Digital I/O Typical Characteristics
Figure 5-6. Typical Low-Level Output Current
vs
Low-Level Output Voltage (DVCC = 3 V)
Figure 5-7. Typical Low-Level Output Current
vs
Low-Level Output Voltage (DVCC = 2 V)
Figure 5-8. Typical High-Level Output Current
vs
High-Level Output Voltage (DVCC = 3 V)
Figure 5-9. Typical High-Level Output Current
vs
High-Level Output Voltage (DVCC = 2 V)


Similar Part No. - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430FR2111IRLLR TI1-MSP430FR2111IRLLR Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz