Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430FR2111IRLLR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430FR2111IRLLR
Description  Mixed-Signal Microcontrollers
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111IRLLR Datasheet(HTML) 22 Page - Texas Instruments

Back Button MSP430FR2111IRLLR Datasheet HTML 18Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 19Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 20Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 21Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 22Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 23Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 24Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 25Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
22
MSP430FR2111, MSP430FR2110, MSP430FR2100, MSP430FR2000
SLASE78B – AUGUST 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110 MSP430FR2100 MSP430FR2000
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-7 lists the characteristics of the VLO.
(1)
Calculated using the box method: (MAX(–40°C to 85°C) – MIN(–40°C to 85°C)) / MIN(–40°C to 85°C) / (85°C – (–40°C))
(2)
Calculated using the box method: (MAX(1.8 V to 3.6 V) – MIN(1.8 V to 3.6 V)) / MIN(1.8 V to 3.6 V) / (3.6 V – 1.8 V)
Table 5-7. Internal Very-Low-Power Low-Frequency Oscillator (VLO)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fVLO
VLO frequency
Measured at MCLK
3.0 V
10
kHz
dfVLO/dT
VLO frequency temperature drift
Measured at MCLK(1)
3.0 V
0.5
%/°C
dfVLO/dVCC VLO frequency supply voltage drift
Measured at MCLK(2)
1.8 V to 3.6 V
4
%/V
f
Duty cycle
Measured at MCLK
3.0 V
50%
NOTE
The VLO clock frequency is reduced by 15% (typical) when the device switches from active
mode to LPM3 or LPM4, because the reference changes. This lower frequency is not a
violation of the VLO specifications (see Table 5-7).
Table 5-8 lists the characteristics of the MODOSC.
Table 5-8. Module Oscillator (MODOSC)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fMODOSC
MODOSC frequency
3.0 V
3.8
4.8
5.8
MHz
fMODOSC/dT
MODOSC frequency temperature drift
3.0 V
0.102
%/°C
fMODOSC/dVCC
MODOSC frequency supply voltage drift
1.8 V to 3.6 V
2.29
%/V
fMODOSC,DC
Duty cycle
3.0 V
40%
50%
60%
5.13.4 Digital I/Os
Table 5-9 lists the characteristics of the digital inputs.
(1)
The leakage current is measured with VSS or VCC applied to the corresponding pins, unless otherwise noted.
(2)
The leakage of the digital port pins is measured individually. The port pin is selected for input and the pullup/pulldown resistor is
disabled.
Table 5-9. Digital Inputs
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VIT+
Positive-going input threshold voltage
2 V
0.90
1.50
V
3 V
1.35
2.25
VIT–
Negative-going input threshold voltage
2 V
0.50
1.10
V
3 V
0.75
1.65
Vhys
Input voltage hysteresis (VIT+ – VIT–)
2 V
0.3
0.8
V
3 V
0.4
1.2
RPull
Pullup or pulldown resistor
For pullup: VIN = VSS
For pulldown: VIN = VCC
20
35
50
CI,dig
Input capacitance, digital only port pins
VIN = VSS or VCC
3
pF
CI,ana
Input capacitance, port pins with shared analog
functions
VIN = VSS or VCC
5
pF
Ilkg(Px.y)
High-impedance leakage current(1)(2)
2 V, 3 V
–20
+20
nA


Similar Part No. - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430FR2111IRLLR TI1-MSP430FR2111IRLLR Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz