Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430FR2111IRLLR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430FR2111IRLLR
Description  Mixed-Signal Microcontrollers
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111IRLLR Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430FR2111IRLLR Datasheet HTML 17Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 18Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 19Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 20Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 21Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 22Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 23Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 24Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
0
5
10
15
20
25
30
0
1
2
3
4
5
DCORSEL
0
DCO
511
0
511
0
0
0
0
511
511
511
511
DCOFTRIM = 0
DCOFTRIM = 7
DCOFTRIM = 0
DCOFTRIM = 0
DCOFTRIM = 0
DCOFTRIM = 7
DCOFTRIM = 7
DCOFTRIM = 7
DCOFTRIM = 7
DCOFTRIM = 7
DCOFTRIM = 0
DCOFTRIM = 0
21
MSP430FR2111, MSP430FR2110, MSP430FR2100, MSP430FR2000
www.ti.com
SLASE78B – AUGUST 2016 – REVISED JULY 2017
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110 MSP430FR2100 MSP430FR2000
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-5. DCO Frequency (continued)
Over recommended operating free-air temperature (unless otherwise noted) (see Figure 5-5)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fDCO, 2 MHz
(1)
DCO frequency, 2 MHz
DCORSEL = 001b, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 0
3.0 V
1.0
MHz
DCORSEL = 001b, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 511
1.7
DCORSEL = 001b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 0
2.5
DCORSEL = 001b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 511
4.2
fDCO, 1 MHz
(1)
DCO frequency, 1 MHz
DCORSEL = 000b, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 0
3.0 V
0.5
MHz
DCORSEL = 000b, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 511
0.85
DCORSEL = 000b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 0
1.2
DCORSEL = 000b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 511
2.1
Figure 5-5. Typical DCO Frequency
Table 5-6 lists the characteristics of the REFO.
(1)
Calculated using the box method: (MAX(–40°C to 85°C) – MIN(–40°C to 85°C)) / MIN(–40°C to 85°C) / (85°C – (–40°C))
(2)
Calculated using the box method: (MAX(1.8 V to 3.6 V) – MIN(1.8 V to 3.6 V)) / MIN(1.8 V to 3.6 V) / (3.6 V – 1.8 V)
Table 5-6. REFO
Over recommended operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
IREFO
REFO oscillator current consumption
TA = 25°C
3.0 V
15
µA
fREFO
REFO calibrated frequency
Measured at MCLK
3.0 V
32768
Hz
REFO absolute calibrated tolerance
–40°C to 85°C
1.8 V to 3.6 V
–3.5%
+3.5%
dfREFO/dT
REFO frequency temperature drift
Measured at MCLK(1)
3.0 V
0.01
%/°C
dfREFO/
dVCC
REFO frequency supply voltage drift
Measured at MCLK at
25°C(2)
1.8 V to 3.6 V
1
%/V
fDC
REFO duty cycle
Measured at MCLK
1.8 V to 3.6 V
40%
50%
60%
tSTART
REFO start-up time
40% to 60% duty cycle
50
µs


Similar Part No. - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430FR2111IRLLR TI1-MSP430FR2111IRLLR Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111IRLLR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz