Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430FR2111IPW16 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FR2111IPW16
Description  Mixed-Signal Microcontrollers
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111IPW16 Datasheet(HTML) 17 Page - Texas Instruments

Back Button MSP430FR2111IPW16 Datasheet HTML 13Page - Texas Instruments MSP430FR2111IPW16 Datasheet HTML 14Page - Texas Instruments MSP430FR2111IPW16 Datasheet HTML 15Page - Texas Instruments MSP430FR2111IPW16 Datasheet HTML 16Page - Texas Instruments MSP430FR2111IPW16 Datasheet HTML 17Page - Texas Instruments MSP430FR2111IPW16 Datasheet HTML 18Page - Texas Instruments MSP430FR2111IPW16 Datasheet HTML 19Page - Texas Instruments MSP430FR2111IPW16 Datasheet HTML 20Page - Texas Instruments MSP430FR2111IPW16 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
VBOR
VSVS–
VSVS+
t
V
Power Cycle Reset
SVS Reset
BOR Reset
tBOR
17
MSP430FR2111, MSP430FR2110, MSP430FR2100, MSP430FR2000
www.ti.com
SLASE78B – AUGUST 2016 – REVISED JULY 2017
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110 MSP430FR2100 MSP430FR2000
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
(2)
These values are based on a JEDEC-defined 2S2P system (with the exception of the Theta JC [RθJC] value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment and application. For more information, see these EIA/JEDEC
standards:
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
5.12 Thermal Resistance Characteristics
THERMAL METRIC(1) (2)
VALUE
UNIT
JA
Junction-to-ambient thermal resistance, still air
VQFN 24 pin (RLL)
38.7
ºC/W
TSSOP 16 pin (PW16)
106.5
JC
Junction-to-case (top) thermal resistance
VQFN 24 pin (RLL)
39.5
ºC/W
TSSOP 16 pin (PW16)
41.2
JB
Junction-to-board thermal resistance
VQFN 24 pin (RLL)
8.6
ºC/W
TSSOP 16 pin (PW16)
51.5
5.13 Timing and Switching Characteristics
5.13.1 Power Supply Sequencing
Figure 5-4 shows the power cycle, SVS, and BOR reset conditions.
Figure 5-4. Power Cycle, SVS, and BOR Reset Conditions
Table 5-1 lists the characteristics of the SVS and BOR.
(1)
A safe BOR can only be correctly generated only if DVCC must drop below this voltage before it rises.
(2)
When an BOR occurs, a safe BOR can be correctly generated only if DVCC is kept low longer than this period before it reaches VSVSH+.
Table 5-1. PMM, SVS and BOR
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBOR, safe
Safe BOR power-down level(1)
0.1
V
tBOR, safe
Safe BOR reset delay(2)
10
ms
ISVSH,AM
SVSH current consumption, active mode
VCC = 3.6 V
1.5
µA
ISVSH,LPM
SVSH current consumption, low-power modes
VCC = 3.6 V
240
nA
VSVSH-
SVSH power-down level
1.71
1.81
1.86
V
VSVSH+
SVSH power-up level
1.74
1.88
1.99
V
VSVSH_hys
SVSH hysteresis
80
mV
tPD,SVSH, AM
SVSH propagation delay, active mode
10
µs
tPD,SVSH, LPM
SVSH propagation delay, low-power modes
100
µs


Similar Part No. - MSP430FR2111IPW16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR2111IPW16 TI1-MSP430FR2111IPW16 Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2111IPW16R TI1-MSP430FR2111IPW16R Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111IPW16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com