Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1101 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CC1101
Description  Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1101 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC1101 Datasheet HTML 2Page - Texas Instruments CC1101 Datasheet HTML 3Page - Texas Instruments CC1101 Datasheet HTML 4Page - Texas Instruments CC1101 Datasheet HTML 5Page - Texas Instruments CC1101 Datasheet HTML 6Page - Texas Instruments CC1101 Datasheet HTML 7Page - Texas Instruments CC1101 Datasheet HTML 8Page - Texas Instruments CC1101 Datasheet HTML 9Page - Texas Instruments CC1101 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
CC11x1-Q1
SWRS076B – 11-07-22-013 - APRIL 2009 – REVISED APRIL 2010
www.ti.com
2.4
Current Consumption
VDD = 1.8 V to 3.3 V, fREF = 26 MHz, All voltages refer to GND (unless otherwise noted). Typical values at TA = 25°C, VDD = 3
V. All measurement results obtained using the reference designs.
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
Voltage regulator to digital part off, register values
–40°C to 105°C
0.7
5
retained, RC oscillator off, all GDO pins programmed to
125°C
1.9
0X2F (SLEEP state)
Voltage regulator to digital part off, register values
–40°C to 105°C
2
6
retained, low-power RC oscillator running (SLEEP state
125°C
2.5
with WOR enabled)
µA
Voltage regulator to digital part off, register values
–40°C to 105°C
370
490
retained, XOSC running (SLEEP state with
Current consumption in
125°C
400
MCSM0.OSC_FORCE_ON set)
power-down modes
–40°C to 105°C
160
300
Voltage regulator to digital part on, all other modules in
power down (XOFF state)
125°C
190
–40°C to 105°C
1.8
2.5
Only voltage regulator to digital part and crystal oscillator
running (IDLE state)
125°C
1.9
mA
Only the frequency synthesizer running (after going from
–40°C to 105°C
9
10.5
IDLE until reaching RX or TX states, and frequency
125°C
9.1
calibration states)
–40°C to 105°C
29.5
32.9
Transmit mode(1), 10-dBm output power, Continuous
wave
125°C
28.9
–40°C to 105°C
14.6
16.5
Transmit mode(1), 0-dBm output power, Continuous wave
125°C
14.3
–40°C to 105°C
12.2
14
Transmit mode(1), –5-dBm output power, Continuous
wave
125°C
12.1
–40°C to 105°C
17.5
21
Receive mode(2), 1.2 kbps, input 20 dB above sensitivity
Current consumption,
mA
limit
125°C
18.3
315 MHz
–40°C to 105°C
17.5
21
Receive mode(2), 38.4 kbps, input 20 dB above sensitivity
limit
125°C
18.4
Receive mode(2), 38.4 kbps, input 20 dB above sensitivity
–40°C to 105°C
15.5
17
limit, low-current mode
125°C
16.5
(MDMCFG2.DEM_DCFILT_OFF = 1)
–40°C to 105°C
17.8
21.5
Receive mode(2), 250 kbps, input 30 dB above sensitivity
limit
125°C
18.4
–40°C to 105°C
30.5
33
Transmit mode(1), 10-dBm output power
125°C
30
–40°C to 105°C
15.4
17.5
Transmit mode(1), 0-dBm output power
125°C
15.1
–40°C to 105°C
13.1
14.9
Transmit mode(1), –5-dBm output power
125°C
13
–40°C to 105°C
18.6
22
Receive mode(2), 1.2 kbps, input 20 dB above sensitivity
Current consumption,
mA
limit
125°C
19.2
433 MHz
–40°C to 105°C
18.6
22.2
Receive mode(2), 38.4 kbps, input 20 dB above sensitivity
limit
125°C
19.3
Receive mode(2), 38.4 kbps, input 20 dB above sensitivity
–40°C to 105°C
16.5
18
limit, low-current mode
125°C
17
(MDMCFG2.DEM_DCFILT_OFF = 1)
–40°C to 105°C
18.6
22.2
Receive mode(2), 250 kbps, input 30 dB above sensitivity
limit
125°C
19.3
(1)
Transmit parameters valid for CC1101 and CC1151 only
(2)
Receive parameters valid for CC1101 and CC1131 only
6
Electrical Specifications
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - CC1101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1101 TI-CC1101 Datasheet
979Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
CC1101 TI1-CC1101 Datasheet
926Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
CC1101 TI-CC1101 Datasheet
857Kb / 25P
[Old version datasheet]   SWRU197H?밪eptember 2010?밨evised April 2014
CC1101 TI1-CC1101 Datasheet
1Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1101-Q1 TI1-CC1101-Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
More results

Similar Description - CC1101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1101IRHBRG4Q1 TI-CC1101IRHBRG4Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
CC1101-Q1 TI1-CC1101-Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
HMC704LP4E AD-HMC704LP4E Datasheet
1Mb / 44P
   8 GHZ FRACTIONAL-N PLL
logo
Hittite Microwave Corpo...
HMC704LP4E HITTITE-HMC704LP4E Datasheet
2Mb / 44P
   8 GHz fractionaL-N PLL
logo
Texas Instruments
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1100 TI1-CC1100_14 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC1150 TI1-CC1150_16 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com