Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430FR2111 Datasheet(PDF) 58 Page - Texas Instruments

Part # MSP430FR2111
Description  Mixed-Signal Microcontrollers
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111 Datasheet(HTML) 58 Page - Texas Instruments

Back Button MSP430FR2111_17 Datasheet HTML 54Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 55Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 56Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 57Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 58Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 59Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 60Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 61Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
58
MSP430FR2111, MSP430FR2110, MSP430FR2100, MSP430FR2000
SLASE78B – AUGUST 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110 MSP430FR2100 MSP430FR2000
Detailed Description
Copyright © 2016–2017, Texas Instruments Incorporated
Table 6-37. Device Descriptors (continued)
DESCRIPTION
MSP430FR211x
ADDRESS
VALUE
(3)
This value can be directly loaded into the DCO bits in the CSCTL0 register to get accurate 16-MHz frequence at room temperature,
especially when the MCU exits from LPM3 and below. TI suggests using a predivider to decrease the frequency if the temperature drift
might result an overshoot >16 MHz.
Reference and DCO
Calibration
Calibration tag
1A1Eh
12h
Calibration length
1A1Fh
04h
1.5-V reference factor
1A20h
Per unit
1A21h
Per unit
DCO tap settings for 16 MHz, temperature 30°C (3)
1A22h
Per unit
1A23h
Per unit
6.13 Identification
6.13.1 Revision Identification
The device revision information is shown as part of the top-side marking on the device package. The
device-specific errata sheet describes these markings. For links to the errata sheets for the devices in this
data sheet, see Section 8.4.
The hardware revision is also stored in the Device Descriptor structure in the Info Block section. For
details on this value, see the "Hardware Revision" entries in Section 6.12.
6.13.2 Device Identification
The device type can be identified from the top-side marking on the device package. The device-specific
errata sheet describes these markings. For links to the errata sheets for the devices in this data sheet, see
Section 8.4.
A device identification value is also stored in the Device Descriptor structure in the Info Block section. For
details on this value, see the "Device ID" entries in Section 6.12.
6.13.3 JTAG Identification
Programming through the JTAG interface, including reading and identifying the JTAG ID, is described in
detail in MSP430 Programming With the JTAG Interface.


Similar Part No. - MSP430FR2111_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR2111IPW16 TI1-MSP430FR2111IPW16 Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2111IPW16R TI1-MSP430FR2111IPW16R Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2111IRLLR TI1-MSP430FR2111IRLLR Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2111IRLLT TI1-MSP430FR2111IRLLT Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com