Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430FR2111 Datasheet(PDF) 29 Page - Texas Instruments

Part # MSP430FR2111
Description  Mixed-Signal Microcontrollers
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111 Datasheet(HTML) 29 Page - Texas Instruments

Back Button MSP430FR2111_17 Datasheet HTML 25Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 26Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 27Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 28Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 29Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 30Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 31Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 32Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
29
MSP430FR2111, MSP430FR2110, MSP430FR2100, MSP430FR2000
www.ti.com
SLASE78B – AUGUST 2016 – REVISED JULY 2017
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110 MSP430FR2100 MSP430FR2000
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
5.13.8 ADC
NOTE
The ADC is not available on the MSP430FR2000 device.
Table 5-18 lists the input conditions of the ADC.
Table 5-18. ADC, Power Supply and Input Range Conditions
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
DVCC
ADC supply voltage
2.0
3.6
V
V(Ax)
Analog input voltage range
All ADC pins
0
DVCC
V
IADC
Operating supply current into DVCC
terminal, reference current not included,
repeat-single-channel mode
fADCCLK = 5 MHz, ADCON = 1,
REFON = 0, SHT0 = 0, SHT1 = 0,
ADCDIV = 0, ADCCONSEQx = 10b
2 V
185
µA
3 V
207
CI
Input capacitance
Only one terminal Ax can be selected at
one time from the pad to the ADC capacitor
array, including wiring and pad
2.2 V
2.5
3.5
pF
RI
Input MUX ON resistance
DVCC = 2 V, 0 V = VAx = DVCC
2
Table 5-19 lists the timing parameters of the ADC.
Table 5-19. ADC, 10-Bit Timing Parameters
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fADCCLK
For specified performance of ADC linearity
parameters
2 V to
3.6 V
0.45
5
5.5
MHz
fADCOSC
Internal ADC oscillator
(MODOSC)
ADCDIV = 0, fADCCLK = fADCOSC
2 V to
3.6 V
3.8
4.8
5.8
MHz
tCONVERT
Conversion time
REFON = 0, Internal oscillator,
10 ADCCLK cycles, 10-bit mode,
fADCOSC = 4.5 MHz to 5.5 MHz
2 V to
3.6 V
2.18
2.67
µs
tADCON
Turnon settling time of
the ADC
The error in a conversion started after tADCON is less
than ±0.5 LSB.
Reference and input signal are already settled.
100
ns
tSample
Sampling time
RS = 1000 Ω, RI = 36000 Ω, CI = 3.5 pF.
Approximately 8 Tau (t) are required for an error of
less than ±0.5 LSB.
2 V
1.5
µs
3 V
2.0


Similar Part No. - MSP430FR2111_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR2111IPW16 TI1-MSP430FR2111IPW16 Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2111IPW16R TI1-MSP430FR2111IPW16R Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2111IRLLR TI1-MSP430FR2111IRLLR Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2111IRLLT TI1-MSP430FR2111IRLLT Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com