Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430FR2111 Datasheet(PDF) 16 Page - Texas Instruments

Part # MSP430FR2111
Description  Mixed-Signal Microcontrollers
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111 Datasheet(HTML) 16 Page - Texas Instruments

Back Button MSP430FR2111_17 Datasheet HTML 12Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 13Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 14Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 15Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 16Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 17Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 18Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 19Page - Texas Instruments MSP430FR2111_17 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature (°C)
16
MSP430FR2111, MSP430FR2110, MSP430FR2100, MSP430FR2000
SLASE78B – AUGUST 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110 MSP430FR2100 MSP430FR2000
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
Not applicable for devices with HF crystal oscillator only.
(2)
Characterized with a Seiko Crystal SC-32S crystal with a load capacitance chosen to closely match the required load.
(3)
Low-power mode 3.5, includes SVS test conditions:
Current for RTC clocked by XT1 included. Current for brownout and SVS included (SVSHE = 1). Core regulator disabled.
PMMREGOFF = 1, CPUOFF = 1, SCG0 = 1 SCG1 = 1, OSCOFF = 1 (LPMx.5),
fXT1 = 32768 Hz, fACLK = fXT1, fMCLK = fSMCLK = 0 MHz
(4)
Low-power mode 4.5, includes SVS test conditions:
Current for brownout and SVS included (SVSHE = 1). Core regulator disabled.
PMMREGOFF = 1, CPUOFF = 1, SCG0 = 1 SCG1 = 1, OSCOFF = 1 (LPMx.5),
fXT1 = 0 Hz, fACLK = fMCLK = fSMCLK = 0 MHz
(5)
Low-power mode 4.5, excludes SVS test conditions:
Current for brownout included. SVS disabled (SVSHE = 0). Core regulator disabled.
PMMREGOFF = 1, CPUOFF = 1, SCG0 = 1 SCG1 = 1, OSCOFF = 1 (LPMx.5),
fXT1 = 0 Hz, fACLK = fMCLK = fSMCLK = 0 MHz
5.9
Low-Power Mode LPMx.5 Supply Currents (Into VCC) Excluding External Current
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
VCC
TEMPERATURE
UNIT
–40°C
25°C
85°C
TYP
MAX
TYP
MAX
TYP
MAX
ILPM3.5, XT1
Low-power mode 3.5, includes SVS(1) (2) (3)
(also see Figure 5-2)
3.0 V
0.60
0.66
0.80
2.17
µA
2.0 V
0.57
0.64
0.75
ILPM4.5, SVS
Low-power mode 4.5, includes SVS(4)
3.0 V
0.23
0.25
0.32
0.43
µA
2.0 V
0.20
0.23
0.27
ILPM4.5
Low-power mode 4.5, excludes SVS(5)
(also see Figure 5-3)
3.0 V
0.025
0.034
0.064
0.130
µA
2.0 V
0.021
0.029
0.055
5.10 Typical Characteristics – LPMx.5 Supply Currents
3 V at 25°C and 3 V at 85°C
DVCC = 3 V
XT1, 12.5-pF Crystal
SVS Enabled
Figure 5-2. LPM3.5 Supply Current vs Temperature
DVCC = 3 V
SVS Enabled
Figure 5-3. LPM4.5 Supply Current vs Temperature
5.11 Typical Characteristics - Current Consumption Per Module
MODULE
TEST CONDITIONS
REFERENCE CLOCK
MIN
TYP
MAX
UNIT
Timer_B
SMCLK = 8 Hz, MC = 10
Module input clock
5
µA/MHz
eUSCI_A
UART mode
Module input clock
7
µA/MHz
eUSCI_A
SPI mode
Module input clock
5
µA/MHz
RTC
32 kHz
85
nA
CRC
From start to end of operation
MCLK
8.5
µA/MHz


Similar Part No. - MSP430FR2111_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR2111IPW16 TI1-MSP430FR2111IPW16 Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2111IPW16R TI1-MSP430FR2111IPW16R Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2111IRLLR TI1-MSP430FR2111IRLLR Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2111IRLLT TI1-MSP430FR2111IRLLT Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com