Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMS3655 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LMS3655
Description  5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMS3655 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMS3655 Datasheet HTML 19Page - Texas Instruments LMS3655 Datasheet HTML 20Page - Texas Instruments LMS3655 Datasheet HTML 21Page - Texas Instruments LMS3655 Datasheet HTML 22Page - Texas Instruments LMS3655 Datasheet HTML 23Page - Texas Instruments LMS3655 Datasheet HTML 24Page - Texas Instruments LMS3655 Datasheet HTML 25Page - Texas Instruments LMS3655 Datasheet HTML 26Page - Texas Instruments LMS3655 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
23
LMS3655
www.ti.com
SNAS744 – JULY 2017
Product Folder Links: LMS3655
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LMS3655 is a step-down DC-DC converter, typically used to convert a higher DC voltage to a lower DC
voltage with a maximum output current of 5.5 A. The following design procedures can be used to select
components for the LMS3655. Alternately, the WEBENCH® Design Tool may be used to generate a complete
design. This tool uses an iterative design procedure and has access to a comprehensive database of
components. This allows the tool to create an optimized design and allows the user to experiment with various
design options.
9.2 Typical Applications
9.2.1 General Application
Figure 20 shows a general application schematic. FPWM, SYNC, and EN are digital inputs. RESET is an open-
drain output.
The FPWM pin can be connected to GND to enable light-load PFM operation. Select this option if current
consumption at light load is critical. The pin can be connected to VCC or VIN for forced 400-kHz operation.
Select this option if constant switching frequency is critical. The pin can also be driven by an external signal
and can be toggled while the part is in operation (by an MCU, for example). Refer to the Device Functional
Modes for more details on the operation and signal requirements of the FPWM pin.
The SYNC pin can be used to control the switching frequency and the phase of the converter. If the function
is not needed, tie the SYNC pin to GND, VCC, or VIN.
The RESET pin can be left floating or tied to ground if the function is not required. If the function is needed,
the pin must be connected to a DC rail through a pullup resistor (100 kΩ is the typical recommended value).
Check RESET Flag Output for the details of the RESET-pin function.
Connect the output to the FB pin through a voltage divider. See Detailed Design Procedure for details on
component selection.
The BIAS pin can be connected directly to the output voltage. In applications that can experience inductive
shorts (such as cases with long leads on the output), a 3 Ω or so is necessary between the output and the
BIAS pin, and a small capacitor to GND is necessary close to the BIAS pin (CBIAS). Alternatively, a Schottky
diode can be connected between OUT and GND to limit the negative voltage that can arise on the output
during inductive shorts. In addition, BIAS can also be connected to an external rail if necessary and if
available. The typical current into the bias pin is 15 mA when the device is operating in PWM mode at 400-
kHz.
Power components must be chosen carefully for proper operation of the converter. Detailed Design
Procedure discusses the details of the process of choosing the input capacitors, output capacitors, and
inductor for the application.


Similar Part No. - LMS3655

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3655 TI1-LMS3655 Datasheet
2Mb / 52P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
[Old version datasheet]   3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LMS3655-Q1 TI-LMS3655-Q1 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
LMS3655-Q1 TI-LMS3655-Q1_V01 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
More results

Similar Description - LMS3655

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3655 TI1-LMS3655_17 Datasheet
2Mb / 52P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
[Old version datasheet]   3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
LMS3655-Q1 TI-LMS3655-Q1_V01 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
logo
Analog Devices
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com