Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMS3655 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LMS3655
Description  5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMS3655 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMS3655 Datasheet HTML 18Page - Texas Instruments LMS3655 Datasheet HTML 19Page - Texas Instruments LMS3655 Datasheet HTML 20Page - Texas Instruments LMS3655 Datasheet HTML 21Page - Texas Instruments LMS3655 Datasheet HTML 22Page - Texas Instruments LMS3655 Datasheet HTML 23Page - Texas Instruments LMS3655 Datasheet HTML 24Page - Texas Instruments LMS3655 Datasheet HTML 25Page - Texas Instruments LMS3655 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
22
LMS3655
SNAS744 – JULY 2017
www.ti.com
Product Folder Links: LMS3655
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
The spread spectrum is only available while the clock of the LMS3655 devices is free running at its natural
frequency. Any of the following conditions overrides spread spectrum, turning it off:
An external clock is applied to the SYNC/MODE terminal.
The clock is slowed due to operation at low input voltage; this is operation in dropout.
The clock is slowed under light load in Auto mode; this is normally not seen above 200 mA of load. In FPWM
mode, spread spectrum is active even if there is no load.


Similar Part No. - LMS3655

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3655 TI1-LMS3655 Datasheet
2Mb / 52P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
[Old version datasheet]   3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LMS3655-Q1 TI-LMS3655-Q1 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
LMS3655-Q1 TI-LMS3655-Q1_V01 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
More results

Similar Description - LMS3655

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3655 TI1-LMS3655_17 Datasheet
2Mb / 52P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
[Old version datasheet]   3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
LMS3655-Q1 TI-LMS3655-Q1_V01 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
logo
Analog Devices
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com