Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM36011 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part No. LM36011
Description  Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM36011 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM36011 Datasheet HTML 9Page - Texas Instruments LM36011 Datasheet HTML 10Page - Texas Instruments LM36011 Datasheet HTML 11Page - Texas Instruments LM36011 Datasheet HTML 12Page - Texas Instruments LM36011 Datasheet HTML 13Page - Texas Instruments LM36011 Datasheet HTML 14Page - Texas Instruments LM36011 Datasheet HTML 15Page - Texas Instruments LM36011 Datasheet HTML 16Page - Texas Instruments LM36011 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
SDA
Start Condition
Stop Condition
SCL
S
P
SCL
SDA
data
change
allowed
data
valid
data
change
allowed
data
valid
data
change
allowed
13
LM36011
www.ti.com
SNVSAN5 – JULY 2017
Product Folder Links: LM36011
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.5 Programming
7.5.1 Control Truth Table
M1 (Register 0x01
bit[1])
M0 (Register 0x01 bit[0])
STROBE EN (Register
0x01 bit[2])
STROBE PIN
ACTION
0
0
0
X
Standby
0
0
1
pos edge
Ext flash
1
0
X
X
Int torch
1
1
X
X
Int flash
0
1
0
X
IR LED standby
0
1
1
0
IR LED standby
0
1
1
pos edge
IR LED enabled
7.5.2 I2C-Compatible Interface
7.5.2.1 Data Validity
The data on SDA must be stable during the HIGH period of the clock signal (SCL). In other words, the state of
the data line can only be changed when SCL is LOW.
Figure 20. Data Validity Data
A pullup resistor between the VIO line of the controller and SDA must be greater than [(VIO – VOL) / 3 mA] to
meet the VOL requirement on SDA. Using a larger pullup resistor results in lower switching current with slower
edges, while using a smaller pullup resistor results in higher switching currents with faster edges.
7.5.2.2 Start and Stop Conditions
START and STOP conditions classify the beginning and the end of the I2C session. A START condition is
defined as the SDA signal transitioning from HIGH to LOW while SCL line is HIGH. A STOP condition is defined
as the SDA transitioning from LOW to HIGH while SCL is HIGH. The I2C master always generates START and
STOP conditions. The I2C bus is considered busy after a START condition and free after a STOP condition.
During data transmission, the I2C master can generate repeated START conditions. First START and repeated
START conditions are equivalent, function-wise.
Figure 21. Start and Stop Conditions


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn