Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM36011 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part No. LM36011
Description  Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM36011 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM36011 Datasheet HTML 4Page - Texas Instruments LM36011 Datasheet HTML 5Page - Texas Instruments LM36011 Datasheet HTML 6Page - Texas Instruments LM36011 Datasheet HTML 7Page - Texas Instruments LM36011 Datasheet HTML 8Page - Texas Instruments LM36011 Datasheet HTML 9Page - Texas Instruments LM36011 Datasheet HTML 10Page - Texas Instruments LM36011 Datasheet HTML 11Page - Texas Instruments LM36011 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
D015
85qC
25qC
-40qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
180
200
220
240
260
280
300
320
340
360
380
D013
85qC
25qC
-40qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
180
200
220
240
260
280
300
320
340
360
380
D014
85qC
25qC
-40qC
8
LM36011
SNVSAN5 – JULY 2017
www.ti.com
Product Folder Links: LM36011
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, VIN = 3.6 V, CIN = 10 µF, VLED = 3.4 V, Flash Time-out = 320 ms and Thermal Scale-Back (TSB) disabled, unless
otherwise noted.
Mode (Reg 0x01 bits[1:0]) = 01 (IR Mode)
Figure 14. LED Off Current vs Input Voltage
Mode (Reg 0x01 bits[1:0]) = 10 (Torch Mode)
Figure 15. LED On Current vs Input Voltage
Figure 16. Standby Current vs Input Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn