Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM36011 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part No. LM36011
Description  Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM36011 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM36011 Datasheet HTML 16Page - Texas Instruments LM36011 Datasheet HTML 17Page - Texas Instruments LM36011 Datasheet HTML 18Page - Texas Instruments LM36011 Datasheet HTML 19Page - Texas Instruments LM36011 Datasheet HTML 20Page - Texas Instruments LM36011 Datasheet HTML 21Page - Texas Instruments LM36011 Datasheet HTML 22Page - Texas Instruments LM36011 Datasheet HTML 23Page - Texas Instruments LM36011 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
45
50
55
60
65
70
75
80
85
90
95
100
D026
Code 0x07
Code 0x0F
Code 0x17
Code 0x1F
Code 0x27
Code 0x2F
Code 0x37
Code 0x3F
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
45
50
55
60
65
70
75
80
85
90
95
100
D027
Code 0x47
Code 0x4F
Code 0x57
Code 0x5F
Code 0x67
Code 0x6F
Code 0x77
Code 0x7F
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
45
50
55
60
65
70
75
80
85
90
95
100
D024
85qC
25qC
-40qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
45
50
55
60
65
70
75
80
85
90
95
100
D025
85qC
25qC
-40qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
45
50
55
60
65
70
75
80
85
90
95
100
D023
85qC
25qC
-40qC
Brightness Code (hex)
50
55
60
65
70
75
80
85
90
95
100
0x00
0x0F
0x1F
0x2F
0x3F
0x4F
0x5F
0x6F
0x7F
D022
85qC
25qC
-40qC
20
LM36011
SNVSAN5 – JULY 2017
www.ti.com
Product Folder Links: LM36011
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
TA = 25°C, VIN = 3.6 V, CIN = 10 µF, VLED = 3.4 V, Flash Time-out = 320 ms and Thermal Scale-Back (TSB) disabled, unless
otherwise noted.
Figure 31. LED Torch Efficiency vs Brightness Code
ITORCH = 376 mA
Figure 32. LED Torch Efficiency vs Input Voltage
ITORCH = 258 mA
Figure 33. LED Torch Efficiency vs Input Voltage
ITORCH = 188 mA
Figure 34. LED Torch Efficiency vs Input Voltage
Figure 35. LED Torch Efficiency vs Input Voltage
Figure 36. LED Torch Efficiency vs Input Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn