Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM36011 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part No. LM36011
Description  Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM36011 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM36011 Datasheet HTML 13Page - Texas Instruments LM36011 Datasheet HTML 14Page - Texas Instruments LM36011 Datasheet HTML 15Page - Texas Instruments LM36011 Datasheet HTML 16Page - Texas Instruments LM36011 Datasheet HTML 17Page - Texas Instruments LM36011 Datasheet HTML 18Page - Texas Instruments LM36011 Datasheet HTML 19Page - Texas Instruments LM36011 Datasheet HTML 20Page - Texas Instruments LM36011 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
IN
SDA
SCL
LED
STROBE
GND
C1
D1
µP/µC
VIN
2.5 V ± 5.5 V
Copyright © 2016, Texas Instruments Incorporated
17
LM36011
www.ti.com
SNVSAN5 – JULY 2017
Product Folder Links: LM36011
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM36011 can drive a flash LED at currents up to 1.5 A. .
8.2 Typical Application
Figure 24. LM36011 Typical Application
8.2.1 Design Requirements
Example requirements based on default register values:
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2.5 V to 5.5 V
Brightness control
I2C Register
LED configuration
1 flash LED
Flash brightness
1.5-A maximum current


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn