Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM36010 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM36010
Description  Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM36010 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM36010 Datasheet HTML 4Page - Texas Instruments LM36010 Datasheet HTML 5Page - Texas Instruments LM36010 Datasheet HTML 6Page - Texas Instruments LM36010 Datasheet HTML 7Page - Texas Instruments LM36010 Datasheet HTML 8Page - Texas Instruments LM36010 Datasheet HTML 9Page - Texas Instruments LM36010 Datasheet HTML 10Page - Texas Instruments LM36010 Datasheet HTML 11Page - Texas Instruments LM36010 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
0.88
0.9
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
1.08
D011
85qC
25qC
-40qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
0.88
0.9
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
1.08
D012
85qC
25qC
-40qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
0.88
0.9
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
1.08
D009
85qC
25qC
-40qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
0.88
0.9
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
1.08
D010
85qC
25qC
-40qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
0.88
0.92
0.96
1
1.04
1.08
1.12
1.16
1.2
1.24
1.28
D007
85qC
25qC
-40qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
0.88
0.92
0.96
1
1.04
1.08
1.12
1.16
1.2
1.24
1.28
D008
85qC
25qC
-40qC
8
LM36010
SNVSAN4A – APRIL 2017 – REVISED JULY 2017
www.ti.com
Product Folder Links: LM36010
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, VIN = 3.6 V, CIN = 10 µF, COUT = 10 µF, L = 1 µH, VLED = 3.4 V, Flash Time-out = 320 ms and Thermal Scale-Back
(TSB) disabled, unless otherwise noted.
ƒSW = 2 MHz
IFLASH = 1.2 A
ICL = 1.9 A
Flash Time-out < 280 ms at 85°C
Figure 8. LED Flash Current vs Input Voltage
ƒSW = 4 MHz
IFLASH = 1.2 A
ICL = 1.9 A
Flash Time-out < 280 ms at 85°C
Figure 9. LED Flash Current vs Input Voltage
ƒSW = 2 MHz
IFLASH = 1.03 A
ICL = 1.9 A
Figure 10. LED Flash Current vs Input Voltage
ƒSW = 4 MHz
IFLASH = 1.03 A
ICL = 1.9 A
Figure 11. LED Flash Current vs Input Voltage
ƒSW = 2 MHz
IFLASH = 1.03 A
ICL = 2.8 A
Figure 12. LED Flash Current vs Input Voltage
ƒSW = 4 MHz
IFLASH = 1.03 A
ICL = 2.8 A
Figure 13. LED Flash Current vs Input Voltage


Similar Part No. - LM36010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM36011YKBR TI1-LM36011YKBR Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
More results

Similar Description - LM36010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM3643 TI-LM3643_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
logo
Texas Instruments
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost LED Flash Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com