Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM36010 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part No. LM36010
Description  Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM36010 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM36010 Datasheet HTML 22Page - Texas Instruments LM36010 Datasheet HTML 23Page - Texas Instruments LM36010 Datasheet HTML 24Page - Texas Instruments LM36010 Datasheet HTML 25Page - Texas Instruments LM36010 Datasheet HTML 26Page - Texas Instruments LM36010 Datasheet HTML 27Page - Texas Instruments LM36010 Datasheet HTML 28Page - Texas Instruments LM36010 Datasheet HTML 29Page - Texas Instruments LM36010 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
45
50
55
60
65
70
75
80
85
90
95
100
D038
85qC
25qC
-40qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
45
50
55
60
65
70
75
80
85
90
95
100
D039
85qC
25qC
-40qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
45
50
55
60
65
70
75
80
85
90
95
100
D036
85qC
25qC
-40qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
45
50
55
60
65
70
75
80
85
90
95
100
D037
85qC
25qC
-40qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
45
50
55
60
65
70
75
80
85
90
95
100
D034
85qC
25qC
-40qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
45
50
55
60
65
70
75
80
85
90
95
100
D035
85qC
25qC
-40qC
26
LM36010
SNVSAN4A – APRIL 2017 – REVISED JULY 2017
www.ti.com
Product Folder Links: LM36010
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
TA = 25°C, VIN = 3.6 V, CIN = 10 µF, COUT = 10 µF, L = 1 µH, VLED = 3.4 V, Flash Time-out = 320 ms and Thermal Scale-Back
(TSB) disabled, unless otherwise noted.
ƒSW = 2 MHz
IFLASH = 1.2 A
ICL = 1.9 A
Flash Time-out < 280 ms at 85°C
Figure 44. LED Flash Efficiency vs Input Voltage
ƒSW = 4 MHz
IFLASH = 1.2 A
ICL = 1.9 A
Flash Time-out < 280 ms at 85°C
Figure 45. LED Flash Efficiency vs Input Voltage
ƒSW = 2 MHz
IFLASH = 1.03 A
ICL = 1.9 A
Figure 46. LED Flash Efficiency vs Input Voltage
ƒSW = 4 MHz
IFLASH = 1.03 A
ICL = 1.9 A
Figure 47. LED Flash Efficiency vs Input Voltage
ƒSW = 2 MHz
IFLASH = 1.03 A
ICL = 2.8 A
Figure 48. LED Flash Efficiency vs Input Voltage
ƒSW = 4 MHz
IFLASH = 1.03 A
ICL = 2.8 A
Figure 49. LED Flash Efficiency vs Input Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn