Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB960WRTDRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UB960WRTDRQ1
Description  Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR & Other Sensors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB960WRTDRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  DS90UB960WRTDRQ1 Datasheet HTML 1Page - Texas Instruments DS90UB960WRTDRQ1 Datasheet HTML 2Page - Texas Instruments DS90UB960WRTDRQ1 Datasheet HTML 3Page - Texas Instruments DS90UB960WRTDRQ1 Datasheet HTML 4Page - Texas Instruments DS90UB960WRTDRQ1 Datasheet HTML 5Page - Texas Instruments DS90UB960WRTDRQ1 Datasheet HTML 6Page - Texas Instruments DS90UB960WRTDRQ1 Datasheet HTML 7Page - Texas Instruments DS90UB960WRTDRQ1 Datasheet HTML 8Page - Texas Instruments DS90UB960WRTDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIPI CSI-2
Processor
SoC
DS90UB960-Q1
FPD-Link III HUB
FPD-Link III
Serializer
I2C
FPD-Link III
Coax or STP
FPD-Link III
Serializer
FPD-Link III
Serializer
FPD-Link III
Serializer
Port0:
Up to 4 Lanes
Port1:
Up to 4 Lanes
GPIO
INTB
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DS90UB960-Q1
SNLS492A – SEPTEMBER 2016 – REVISED JUNE 2017
DS90UB960-Q1 Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for
2MP/60fps Camera, RADAR & Other Sensors
1
1 Features
1
AEC-Q100 Qualified for Automotive Applications:
Device Temperature Grade 2: –40
℃ to +115℃
Ambient Operating Temperature Range
Device HBM ESD Classification Level ±4 kV
Device CDM ESD Classification Level C5
Quad Deserializer Hub Aggregates Data From up
to 4 Sensors Simultaneously
Supports 2-Megapixel Sensors With Full HD
1080p Resolution at 60-Hz Frame Rate
Multi-Camera Synchronization
MIPI DPHY Version 1.2 / CSI-2 Version 1.3
Compliant
2 × CSI-2 Output Ports
Supports 1, 2, 3, 4 Data Lanes per CSI-2 port
CSI-2 Data Rate Scalable for 400 Mbps / 800
Mbps / 1.2 Gbps / 1.5 Gbps / 1.6 Gbps per
Data Lane
Port Replication Mode
Ultra-low Data and Control Path Latency
Supports Single-Ended Coaxial or Shielded
Twisted-Pair (STP) Cable
Adaptive Receive Equalization
I2C With Fast-Mode Plus up to 1 Mbps
Flexible GPIOs for Sensor Synchronization and
Diagnostics
Compatible With DS90UB953-Q1, DS90UB913A-
Q1, DS90UB933-Q1 Serializers
Internal Programmable Frame Sync Generator
Line Fault Detection and Advanced Diagnostics
2 Applications
Automotive ADAS
Rear View Cameras (RVC)
Surround View Systems (SVS)
Camera Monitoring Systems (CMS)
Forward Vision Cameras (FC)
Driver Monitoring Systems (DMS)
Satellite RADAR, Time-of-Flight (ToF), and
LIDAR Sensors Modules
Sensor Fusion
Security and Surveillance
3 Description
The DS90UB960-Q1 is a versatile camera hub
capable
of
connecting
serialized
camera
data
received from 4 independent video datastreams via
an FPD-Link III interface. When paired with a
DS90UB953-Q1
serializer,
the
DS90UB960-Q1
receives data from imagers supporting full HD
1080p/2MP resolution at 60-Hz frame rates. Data is
received and aggregated into a MIPI CSI-2 compliant
output for interconnect to a downstream processor. A
second MIPI CSI-2 output port is available to provide
additional bandwidth, or offers a second replicated
output for data-logging and parallel processing.
The
DS90UB960-Q1
includes
4
FPD-Link
III
deserializers, each enabling a connection via cost-
effective
50-Ω
single-ended
coaxial
or
100-Ω
differential
STP
cables.
The
receive
equalizers
automatically adapt to compensate for cable loss
characteristics, including degradation over time.
Each of the FPD-Link III interfaces also includes a
separate low latency bi-directional control channel
that continuously conveys I2C, GPIOs, and other
control information. General purpose I/O signals such
as those required for camera synchronization and
diagnostics features also make use of this bi-
directional control channel.
The DS90UB960-Q1 is AEC-Q100 Qualified for
Automotive Applications and offered in a cost-
effective and space-saving VQFN-64 package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DS90UB960-Q1
VQFN (64)
9.00 mm × 9.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic


Similar Part No. - DS90UB960WRTDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB960WRTDRQ1 TI1-DS90UB960WRTDRQ1 Datasheet
378Kb / 9P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR and Other Sensors
More results

Similar Description - DS90UB960WRTDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB960-Q1 TI1-DS90UB960-Q1_18 Datasheet
378Kb / 9P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR and Other Sensors
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
201Kb / 6P
[Old version datasheet]   Quad 2MP Camera Hub FPD-Link III Deserializer
DS90UB936-Q1 TI1-DS90UB936-Q1 Datasheet
1Mb / 151P
[Old version datasheet]   Dual, 2.5 Gbps, FPD-Link III Deserializer Hub With MIPI CSI-2 Outputs
DS90UB953A-Q1 TI1-DS90UB953A-Q1 Datasheet
2Mb / 91P
[Old version datasheet]   125째C FPD-Link III 4.16-Gbps serializer with CSI-2 interface for 2.3MP/60fps cameras, radar, and other sensors
DS90UB953-Q1 TI1-DS90UB953-Q1 Datasheet
136Kb / 7P
[Old version datasheet]   MIPI CSI-2 FPD-Link III Serializer
DS90UB635-Q1 TI-DS90UB635-Q1 Datasheet
2Mb / 83P
[Old version datasheet]   DS90UB635-Q1 FPD-Link III 4.16-Gbps Serializer With CSI-2 Interface for 2.3MP/60fps Cameras, RADAR, and Other Sensors
FEBRUARY 2023
DS90UB940-Q1 TI1-DS90UB940-Q1 Datasheet
1Mb / 84P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UH940-Q1 TI1-DS90UH940-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UB962-Q1 TI1-DS90UB962-Q1 Datasheet
2Mb / 169P
[Old version datasheet]   Quad 3-Gbps FPD-Link III Deserializer Hub With Single CSI-2 Output Port
DS90UB940N-Q1 TI1-DS90UB940N-Q1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com