Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1131IRHBRG4Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CC1131IRHBRG4Q1
Description  Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1131IRHBRG4Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC1131IRHBRG4Q1 Datasheet HTML 6Page - Texas Instruments CC1131IRHBRG4Q1 Datasheet HTML 7Page - Texas Instruments CC1131IRHBRG4Q1 Datasheet HTML 8Page - Texas Instruments CC1131IRHBRG4Q1 Datasheet HTML 9Page - Texas Instruments CC1131IRHBRG4Q1 Datasheet HTML 10Page - Texas Instruments CC1131IRHBRG4Q1 Datasheet HTML 11Page - Texas Instruments CC1131IRHBRG4Q1 Datasheet HTML 12Page - Texas Instruments CC1131IRHBRG4Q1 Datasheet HTML 13Page - Texas Instruments CC1131IRHBRG4Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
-20
-10
0
10
20
30
40
50
-1.0 -0.9 -0.8 -0.7 -0.5 -0.4 -0.2 -0.1 0.1 0.2
0.4
0.6 0.7
0.8 0.9
1.0
Frequency offset [MHz]
-20.0
-10.0
0.0
10.0
20.0
30.0
40.0
50.0
-1.0
-0.8
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.4
0.5
0.8
1.0
Frequency offset [MHz]
CC11x1-Q1
SWRS076B – 11-07-22-013 - APRIL 2009 – REVISED APRIL 2010
www.ti.com
RF Receive Section Characteristics (continued)
VDD = 1.8 V to 3.3 V, Forward error correction disabled, All voltages refer to GND (unless otherwise noted). Typical values at
TA = 25°C, VDD = 3 V. Receive parameters valid for CC1101 and CC1131 only.
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
38.4 kBaud / 2-FSK, 1% packet error rate, TX deviation
–40°C to 105°C
–60
Receiver image
19 kHz, 100-kHz RX bandwidth, low-current mode
channel rejection,
(MDMCFG2.DEM_DCFILT_OFF = 1), Channel spacing
dB
125°C
–55
868 MHz/915 MHz
200 kHz, Desired channel 3 dB above sensitivity level,
Signal level at fSignal – 608 kHz
38.4 kBaud / 2-FSK, 1% packet error rate,
25 MHz to
–40°C to 105°C
–57
Receiver spurious
TX deviation 19 kHz, 100-kHz RX
1 GHz
dBm
emission
bandwidth, low-current mode
> 1 GHz
–40°C to 105°C
–47
(MDMCFG2.DEM_DCFILT_OFF = 1)
2.6
Selectivity
Figure 2-1 to Figure 2-3 show the typical selectivity performance (adjacent and alternate rejection).
Figure 2-1. Typical Selectivity at 1.2-kBaud Data Rate, 868.3 MHz, GFSK, 5.2-kHz Deviation,
IF Frequency 152.3 kHz, Digital Channel Filter Bandwidth 58 kHz
Figure 2-2. Typical Selectivity at 38.4-kBaud Data Rate, 868 MHz, GFSK, 20-kHz Deviation,
IF Frequency 152.3 kHz, Digital Channel Filter Bandwidth 100 kHz
10
Electrical Specifications
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - CC1131IRHBRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1131IRHBRG4Q1 TI-CC1131IRHBRG4Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
CC1131IRHBRG4Q1 TI1-CC1131IRHBRG4Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
More results

Similar Description - CC1131IRHBRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1101IRHBRG4Q1 TI-CC1101IRHBRG4Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
CC1101-Q1 TI1-CC1101-Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
HMC704LP4E AD-HMC704LP4E Datasheet
1Mb / 44P
   8 GHZ FRACTIONAL-N PLL
logo
Hittite Microwave Corpo...
HMC704LP4E HITTITE-HMC704LP4E Datasheet
2Mb / 44P
   8 GHz fractionaL-N PLL
logo
Texas Instruments
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1100 TI1-CC1100_14 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC1150 TI1-CC1150_16 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com