Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3100EAL Datasheet(PDF) 4 Page - HuaXinAn Electronics CO.,LTD

Part # P3100EAL
Description  Protection Thyristor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

P3100EAL Datasheet(HTML) 4 Page - HuaXinAn Electronics CO.,LTD

  P3100EAL Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD P3100EAL Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD P3100EAL Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD P3100EAL Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD P3100EAL Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD P3100EAL Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD P3100EAL Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P0080EAL Thru P3500ECL
Surge Ratings
Series
Ipp
2x10µs
Ipp
8x20µs
Ipp
10x160µs
Ipp
10x560µs
Ipp
10x1000µs
Ipp
5x320µs
Ipp
5x310µs
Ipp
10x360µs
ITSM
50/60Hz
di/dt
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps/µs
A
150
150
90
50
45
75
75
75
20
500
B
250
250
150
100
80
100
100
125
25
500
C
500
400
200
150
100
200
200
175
30
500
Thermal Considerations
Package
TO-92
Symbol
Parameter
Value
Unit
TJ
Operating Junction Temperature Range
-40 to +150
°C
TS
Storage Temperature Range
-65 to +150
°C
RθJA
Junction to Ambient on prited circuit
90
°C /W
Description of Part Number
P XXX0 E B L
LEAD FREE
Ipp Rating(10x1000µs)A=45A B=80A C=100A
Package Type(TO-92)
Median Voltage
P=SIDACtor Protection Thyristor
sales@huaandz.com
4
Revised:February 25,2014
www.huaandz.com


Similar Part No. - P3100EAL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3100EAL LITTELFUSE-P3100EAL Datasheet
149Kb / 3P
   SIDACtor짰 Device
P3100EAL LITTELFUSE-P3100EAL Datasheet
173Kb / 3P
   TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
P3100EAL LITTELFUSE-P3100EAL Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
logo
HuaXinAn Electronics CO...
P3100EAL HUAXINAN-P3100EAL Datasheet
390Kb / 7P
   SIDACtor Protection Thyristors
logo
Littelfuse
P3100EAL LITTELFUSE-P3100EAL Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
More results

Similar Description - P3100EAL

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
P0080SALRP HUAXINAN-P0080SALRP_14 Datasheet
673Kb / 8P
   Protection Thyristor
logo
Guangdong Kexin Industr...
SP1200SA KEXIN-SP1200SA Datasheet
1Mb / 2P
   Protection Thyristor
logo
HuaXinAn Electronics CO...
P3500LA HUAXINAN-P3500LA_V01 Datasheet
327Kb / 4P
   SIDACtor Protection Thyristor
P2300LA HUAXINAN-P2300LA_V01 Datasheet
327Kb / 4P
   SIDACtor Protection Thyristor
P0080EA HUAXINAN-P0080EA_V01 Datasheet
617Kb / 7P
   SIDACtor Protection Thyristor
P3100LA HUAXINAN-P3100LA_V01 Datasheet
327Kb / 4P
   SIDACtor Protection Thyristor
P2600LA HUAXINAN-P2600LA_V01 Datasheet
328Kb / 4P
   SIDACtor Protection Thyristor
logo
Shanghai Leiditech Elec...
P0640SCMC LEIDITECH-P0640SCMC Datasheet
1Mb / 6P
   Over-voltage Protection Thyristor
logo
StarHope
SMB SPSEMI-SMB Datasheet
777Kb / 3P
   P thyristor for circuit protection
P0080L SPSEMI-P0080L Datasheet
754Kb / 3P
   P thyristor for circuit protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com