Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0900SALRP Datasheet(PDF) 3 Page - HuaXinAn Electronics CO.,LTD

Part # P0900SALRP
Description  Protection Thyristor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

P0900SALRP Datasheet(HTML) 3 Page - HuaXinAn Electronics CO.,LTD

  P0900SALRP Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD P0900SALRP Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD P0900SALRP Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD P0900SALRP Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD P0900SALRP Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD P0900SALRP Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD P0900SALRP Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD P0900SALRP Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
P0080SALRP Thru P3500SCLRP
Electrical Characteristics
continued
Part Number
Marking
VDRM
@IDRM=5μA
VS
@100V/
μs
IH
IS
IT
VT
@IT=2.2Amps
Capacitance
@1MHz,2V bias
V min
V max
mA min
mA max
A max
Vmax
pF
P2300SBLRP
P23B
190
260
150
800
2.2
4
50
P2600SBLRP
P26B
220
300
150
800
2.2
4
45
P3100SBLRP
P31B
275
350
150
800
2.2
4
45
P3500SBLRP
P35B
320
400
150
800
2.2
4
40
P0080SCLRP
P008C
6
25
50
800
2.2
4
75
P0300SCLRP
P03C
25
40
50
800
2.2
4
75
P0640SCLRP
P06C
58
77
150
800
2.2
4
55
P0720SCLRP
P07C
65
88
150
800
2.2
4
60
P0900SCLRP
P09C
75
98
150
800
2.2
4
65
P1100SCLRP
P11C
90
130
150
800
2.2
4
55
P1300SCLRP
P13C
120
160
150
800
2.2
4
60
P1500SCLRP
P15C
140
180
150
800
2.2
4
50
P1800SCLRP
P18C
170
220
150
800
2.2
4
55
P2100SCLRP
P21C
180
240
150
800
2.2
4
85
P2300SCLRP
P23C
190
260
150
800
2.2
4
65
P2600SCLRP
P26C
220
300
150
800
2.2
4
65
P3100SCLRP
P31C
275
350
150
800
2.2
4
55
P3500SCLRP
P35C
320
400
150
800
2.2
4
50
P4500SCLRP
P45C
400
540
150
800
2.2
4
45
Notes:
-All measurements are made at an ambient temperature of 25°C .Ipp applies to -40°C through +85°C temperature
range .
-Off-state capacitance(Co) is typical value.
*For surge ratings,see next page.
3
Revised:February 25,2014
www.huaandz.com


Similar Part No. - P0900SALRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0900SALRP LITTELFUSE-P0900SALRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
P0900SALRP LITTELFUSE-P0900SALRP Datasheet
2Mb / 5P
   Low voltage overshoot, Low on-state voltage, Low capacitance
P0900SALRP LITTELFUSE-P0900SALRP Datasheet
2Mb / 5P
   Baseband Protection (Voice-DS1)
logo
HuaXinAn Electronics CO...
P0900SALRP HUAXINAN-P0900SALRP Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
logo
Littelfuse
P0900SALRP LITTELFUSE-P0900SALRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
More results

Similar Description - P0900SALRP

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SP1200SA KEXIN-SP1200SA Datasheet
1Mb / 2P
   Protection Thyristor
logo
HuaXinAn Electronics CO...
P0080EAL HUAXINAN-P0080EAL_14 Datasheet
617Kb / 7P
   Protection Thyristor
P3500LA HUAXINAN-P3500LA_V01 Datasheet
327Kb / 4P
   SIDACtor Protection Thyristor
P2300LA HUAXINAN-P2300LA_V01 Datasheet
327Kb / 4P
   SIDACtor Protection Thyristor
P0080EA HUAXINAN-P0080EA_V01 Datasheet
617Kb / 7P
   SIDACtor Protection Thyristor
P3100LA HUAXINAN-P3100LA_V01 Datasheet
327Kb / 4P
   SIDACtor Protection Thyristor
P2600LA HUAXINAN-P2600LA_V01 Datasheet
328Kb / 4P
   SIDACtor Protection Thyristor
logo
Shanghai Leiditech Elec...
P0640SCMC LEIDITECH-P0640SCMC Datasheet
1Mb / 6P
   Over-voltage Protection Thyristor
logo
StarHope
SMB SPSEMI-SMB Datasheet
777Kb / 3P
   P thyristor for circuit protection
P0080L SPSEMI-P0080L Datasheet
754Kb / 3P
   P thyristor for circuit protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com