Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N2133AR Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 1N2133AR
Description  Standard Recovery Diode, 60A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

1N2133AR Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  1N2133AR Datasheet HTML 1Page - Naina Semiconductor ltd. 1N2133AR Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
1N2133A thru
1N2138AR
1
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Standard Recovery Diode, 60A
Features
Glass passivated die
Low forward voltage drop
High surge capability
Low leakage current
Normal and Reverse polarity
Metric and UNF threads available
Maximum Ratings (TJ = 25oC, unless otherwise noted)
Parameter
Test Conditions
Symbol
1N2133A(R)
1N2135A(R)
1N2137A(R)
1N2138A(R)
Units
Repetitive peak
reverse voltage
VRRM
300
400
500
600
V
RMS reverse voltage
VRMS
210
280
350
420
V
DC blocking voltage
VDC
50
100
150
200
V
Continuous forward
current
TC ≤ 150oC
IF(AV)
60
60
60
60
A
Surge non-repetitive
forward current,
half-sine wave
TC = 25oC
IFSM
1050
1050
1050
1050
A
Maximum peak
forward voltage
IF = 60A, TJ = 25oC
VF
1.1
1.1
1.1
1.1
V
Reverse current
TJ = 25oC
IR
10
10
10
10
µA
TJ = 140oC
15
15
15
15
mA
Thermal & Mechanical Specifications (TJ = 25
oC, unless otherwise noted)
Parameters
Symbol
1N2133A(R)
1N2135A(R)
1N2137A(R)
1N2138A(R)
Units
Thermal resistance, junction to case
Rth(JC)
0.65
0.65
0.65
0.65
oC/W
Operating junction temperature range
TJ
-55 to 160
-55 to 160
-55 to 160
-55 to 160
oC
Storage temperature
Tstg
-55 to 160
-55 to 160
-55 to 160
-55 to 160
oC
Mounting torque, non-lubricated threads,
tighting on nut
F
3.4 ± 10%
Nm
Approximate weight
W
16
g
DO-203AB (DO-5)


Similar Part No. - 1N2133AR

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
1N2133AR AMERICASEMI-1N2133AR Datasheet
419Kb / 2P
   DEVICE HIGH POWER STANDARD
logo
GeneSiC Semiconductor, ...
1N2133AR GENESIC-1N2133AR Datasheet
672Kb / 3P
   Silicon Standard Recovery Diode
1N2133AR GENESIC-1N2133AR Datasheet
771Kb / 3P
   Silicon Standard Recovery Diode
More results

Similar Description - 1N2133AR

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
1N2128A NAINA-1N2128A Datasheet
552Kb / 2P
   Standard Recovery Diode, 60A
logo
Nell Semiconductor Co.,...
NKD55A NELLSEMI-NKD55A Datasheet
388Kb / 6P
   Standard Recovery Diodes, 60A
logo
ASEMI TECHNOLOGY., LTD
SFP6006 ASEMI-SFP6006 Datasheet
454Kb / 5P
   60A super fast recovery diode
2018.11 Rev.3.1
logo
Rohm
MH2107WZ ROHM-MH2107WZ Datasheet
233Kb / 3P
   650V 60A Fast Recovery Diode
2019.08 - Rev.A
logo
Shenzhen Luguang Electr...
60U06HS LUGUANG-60U06HS Datasheet
1Mb / 3P
   Ultrafast Soft Recovery Diode, 60A
Revision:20220105-P1
logo
Renesas Technology Corp
RJU60C3WDPP-M0 RENESAS-RJU60C3WDPP-M0_15 Datasheet
65Kb / 4P
   600V - 60A - Dual Diode Fast Recovery Diode
RJU60C3WDPP-M0 RENESAS-RJU60C3WDPP-M0 Datasheet
65Kb / 4P
   600V - 60A - Dual Diode Fast Recovery Diode
logo
Vishay Siliconix
VS-60.PF1.PBF VISHAY-VS-60.PF1.PBF Datasheet
197Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60A
Revision: 20-Oct-11
logo
KIA Semiconductor Techn...
60TB30 KIA-60TB30 Datasheet
196Kb / 3P
   FAST RECOVERY DIODE 60A竊?00V
logo
TRANSYS Electronics Lim...
SD700C TEL-SD700C Datasheet
161Kb / 1P
   STANDARD RECOVERY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com