Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N2129A Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # 1N2129A
Description  Standard Recovery Diode, 60A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

1N2129A Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  1N2129A Datasheet HTML 1Page - Naina Semiconductor ltd. 1N2129A Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor Ltd.
1N2128A thru
1N2131AR
2
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Package Outline
Dimensions for DO-203AB (DO-5) (in millimeters)


Similar Part No. - 1N2129A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N2129A IRF-1N2129A Datasheet
377Kb / 5P
   35,40,and 60 Amp Power Silicon Rectifier Diodes
logo
Vishay Siliconix
1N2129A VISHAY-1N2129A Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
1N2129A VISHAY-1N2129A Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
logo
America Semiconductor, ...
1N2129A AMERICASEMI-1N2129A Datasheet
404Kb / 2P
   DEVICE HIGH POWER STANDARD
logo
GeneSiC Semiconductor, ...
1N2129A GENESIC-1N2129A Datasheet
646Kb / 3P
   Silicon Standard Recovery Diode
More results

Similar Description - 1N2129A

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
1N2133A NAINA-1N2133A Datasheet
172Kb / 2P
   Standard Recovery Diode, 60A
logo
Nell Semiconductor Co.,...
NKD55A NELLSEMI-NKD55A Datasheet
388Kb / 6P
   Standard Recovery Diodes, 60A
logo
ASEMI TECHNOLOGY., LTD
SFP6006 ASEMI-SFP6006 Datasheet
454Kb / 5P
   60A super fast recovery diode
2018.11 Rev.3.1
logo
Rohm
MH2107WZ ROHM-MH2107WZ Datasheet
233Kb / 3P
   650V 60A Fast Recovery Diode
2019.08 - Rev.A
logo
Shenzhen Luguang Electr...
60U06HS LUGUANG-60U06HS Datasheet
1Mb / 3P
   Ultrafast Soft Recovery Diode, 60A
Revision:20220105-P1
logo
Renesas Technology Corp
RJU60C3WDPP-M0 RENESAS-RJU60C3WDPP-M0_15 Datasheet
65Kb / 4P
   600V - 60A - Dual Diode Fast Recovery Diode
RJU60C3WDPP-M0 RENESAS-RJU60C3WDPP-M0 Datasheet
65Kb / 4P
   600V - 60A - Dual Diode Fast Recovery Diode
logo
Vishay Siliconix
VS-60.PF1.PBF VISHAY-VS-60.PF1.PBF Datasheet
197Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60A
Revision: 20-Oct-11
logo
KIA Semiconductor Techn...
60TB30 KIA-60TB30 Datasheet
196Kb / 3P
   FAST RECOVERY DIODE 60A竊?00V
logo
TRANSYS Electronics Lim...
SD700C TEL-SD700C Datasheet
161Kb / 1P
   STANDARD RECOVERY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com