Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKC236-08 Datasheet(PDF) 9 Page - International Rectifier

Part # IRKC236-08
Description  STANDARD RECOVERY DIODES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKC236-08 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRKC236-08 Datasheet HTML 4Page - International Rectifier IRKC236-08 Datasheet HTML 5Page - International Rectifier IRKC236-08 Datasheet HTML 6Page - International Rectifier IRKC236-08 Datasheet HTML 7Page - International Rectifier IRKC236-08 Datasheet HTML 8Page - International Rectifier IRKC236-08 Datasheet HTML 9Page - International Rectifier IRKC236-08 Datasheet HTML 10Page - International Rectifier IRKC236-08 Datasheet HTML 11Page - International Rectifier IRKC236-08 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IRK.166, .196, .236 Series
9
Bulletin I27116 rev. C 03/02
www.irf.com
Fig.23 - Maximum Non-Repetitive Surge Current
Fig. 24 - Maximum Non-Repetitive Surge Current
Fig. 22 - On-State Power Loss Characteristics
Fig. 19 - Current Ratings Characteristics
Fig. 20 - Current Ratings Characteristics
Fig. 21 - On-State Power Loss Characteristics
70
80
90
100
110
120
130
140
150
0
50
1 00 150 2 00 2 50 300 35 0 40 0
DC
30
60
90
120
180
C o nd uc tion P e riod
Averag e Forw ard C urren t (A )
IRK.236.. Se ries
R
(D C ) = 0.14 K/W
th JC
0
50
10 0
15 0
20 0
25 0
30 0
35 0
0
5 0
10 0
15 0
20 0
25 0
A ve rag e Forw ard C urre n t (A )
RM S Lim it
Co nd uc tio n Ang le
180
120
90
60
30
IRK.236.. Series
T = 15 0 C
J
0
50
10 0
15 0
20 0
25 0
30 0
35 0
40 0
45 0
0
50
1 00 15 0 2 0 0 25 0 30 0 3 50 4 00
DC
180
120
90
60
30
RM S Lim it
Co nduc tion Pe riod
A vera g e Forw ard C urrent (A)
IRK.2 36.. Series
Per Junctio n
T
= 150 C
J
15 00
20 00
25 00
30 00
35 00
40 00
45 00
50 00
110
10 0
N umb er O f Equa l A m plitu de H alf C ycle Cu rren t Pu lses (N)
IRK.236.. Se ries
Initia l T
= 150 C
@ 60 H z 0.0083 s
@ 50 H z 0.0100 s
J
At An y Ra ted Lo a d C o n ditio n A nd W ith
R a ted V
A p p lie d Fo llo w in g Surge .
RRM
10 00
15 00
20 00
25 00
30 00
35 00
40 00
45 00
50 00
55 00
0.0 1
0.1
1
Pu lse Tra in D uration (s)
M axim um N on Rep etitive Surg e C urrent
IRK .236.. Se ries
Initial T
= 150 C
No V o ltage Rea pp lie d
Rate d V
Rea pp lie d
Versus P ulse Tra in D uratio n.
RRM
J
80
90
10 0
11 0
12 0
13 0
14 0
15 0
16 0
0
5 0
1 00
15 0
2 00
250
30
60
90
120
180
Co nd uction A ng le
Averag e Forw a rd C urren t (A )
IRK.236.. S eries
R
(D C ) = 0.14 K/ W
thJ C


Similar Part No. - IRKC236-08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKC250 IRF-IRKC250 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
IRKC250-24 IRF-IRKC250-24 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
IRKC270 IRF-IRKC270 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
IRKC270-24 IRF-IRKC270-24 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
More results

Similar Description - IRKC236-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com