Electronic Components Datasheet Search |
|
MLW3018-28RA1A Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
MLW3018-28RA1A Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
4 / 7 page Series MLW Snap-in Miniature Rockers B109 B www.nkkswitches.com TERMINALS Switch Terminals Lamp Terminals Center terminal is .020” (0.5mm) longer Thk = (0.8) .031 (5.9) .232 (1.2) Dia .047 (3.0) .118 Thk = (0.8) .031 (1.1) .043 (2.0) .079 (2.0) .079 (4.0) .157 LAMP CODES & SPECIFICATIONS Electrical specifications are determined at a basic temperature of 25°C. Lamp circuit is independent of switch operation. For dimension drawings of lamps see Accessories & Hardware section. For neon, if the source voltage is greater than rated voltage, a ballast resistor is required. The ballast resistor calculation and more lamp detail are shown in the Supplement. Incandescent & Neon Lamps for Solid & Design Caps Voltage V 6V AC 12V AC 18V AC 24V AC 28V AC 110V AC Current I 80mA 50mA 35mA 25mA 22mA 1.5mA MSCP .159 .215 .398 .215 .247 NA Endurance Hours 2,000 Average 15,000 Average Ambient Temperature Range –10°C ~ +50°C –10°C ~ +50°C Recommended Resistor for Neon: 33K ohms for 110V AC; 100K ohms for 220V AC No Lamp Code 00 indicates that no lamp is used. 00 AT602N Neon T-11⁄2 Pilot Slide Base 12 18 06 N 24 AT602 Incandescent 28 L(+) L(-) POLES & CIRCUITS Rocker Position ( ) = Momentary Connected Terminals Throw & Power/Lamp Schematics Pole Model Down Center Up Down Center Up Notes: Terminal numbers are not actually on switch. Lamp circuit is isolated and requires an external power source. SP MLW3012 MLW3013 MLW3015 MLW3018 MLW3019 ON ON ON (ON) ON NONE OFF NONE OFF OFF ON ON (ON) (ON) (ON) 2-3 OPEN 2-1 SPDT DP MLW3022 MLW3023 MLW3025 MLW3028 MLW3029 ON ON ON (ON) ON NONE OFF NONE OFF OFF ON ON (ON) (ON) (ON) 2-3 5-6 OPEN 2-1 5-4 DPDT L (+) (-) L L (+) (-) L 2 (COM) 1 3 4 6 1 3 25 (COM) For 3 Throw (3-On) Pole Model Down Center Up Connected Terminals & Schematics External Connection SP MLW3020 ON ON ON The SP3T model utilizes a double pole base. External connection must be made during field installation. With External Connection Without External Connection 2-6 2-3 5-6 2-4 2-3 5-4 2-1 2-1 5-4 (out) 63 2 1 4 5 (out) (out) External Conn Common (in) 1 (out) 4 (out) 6 (out) 2 (in) 3 5 External Connection 1 (out) 4 (out) 6 (out) 2 (in) 3 5 External Connection 1 (out) 4 (out) 6 (out) 2 (in) 3 5 External Connection |
Similar Part No. - MLW3018-28RA1A |
|
Similar Description - MLW3018-28RA1A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |