Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8071-4650-MT-72 Datasheet(PDF) 1 Page - Glenair, Inc.

Part No. 8071-4650-MT-72
Description  Data Cable Assembly for Media Converters
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GLENAIR [Glenair, Inc.]
Homepage  http://www.glenair.com
Logo 

8071-4650-MT-72 Datasheet(HTML) 1 Page - Glenair, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
1
© 2015 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Rev. Jan. 2015
8071-4650
Data Cable Assembly for Media Converters
050-117, 050-121
Length
(Inches)
Data Cable for Media
Converter
050-105
Material/Finish
(Table II)
8071-4650 - M - 36
Table II: Material And Finish
SYM
Material
Finish Description
M
Aluminum
Electroless Nickel
MT
Nickel - PTFE
NF
Cadmium, Olive Drab
ZN
Zinc-Nickel, Olive Drab
ZNU
Zinc-Nickel, Blac
Other finishes available, consult factory
PART NUMBER
GLENAIR YYWW 06324
BRADY LABEL (4X),
LAT-18 OR EQ.
GLENAIR CONNECTOR,
257-606XG6-19Q-18BN
GLENAIR CONTACTS (4X),
854-001-02
GLENAIR CONTACTS (14X),
850-001-22-348
GLENAIR BACKSHELL,
380HS007X1905L6
P1
P2
P3
P4
AUX
CH2
CH1
INTERCON1 RJ45 CABLE (3X),
F-GEVP-X-P
(1.00) 3X
LENGTH (SEE PART NUMBER DEVELOPMENT)
(1.00)
TOLERANCE IS:
(+1.80/-0.00) FOR "L" BETWEEN 12.00 TO 60.00 INCHES.
(+3%/-0.00) FOR "L" GREATER THAN 60.00 INCHES.
Notes
100% Electrical test, continuity, DWV (500 VAC sea level) and insulation resistance (200 megohms
minimum)
Refer to Glenair catalog for connector materials, finishes and dimensions.
Unit pack: 1 each in 4 mil poly bag, heat sealed, tagged per illustration


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn