Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE15017 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE15017
Description  Integrated Circuit Head Amp Circuit for VCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE15017 Datasheet(HTML) 1 Page - NTE Electronics

  NTE15017 Datasheet HTML 1Page - NTE Electronics NTE15017 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE15017
Integrated Circuit
Head Amp Circuit for VCR
Features:
D The Function Consist of:
Video Signal Pre–Amplifier Circuit
Head Switchover Circuit
Drop–Out Compensation Circuit
RF AGC Circuit
D Low–Noise Head Amplifier
D Supply Voltage: 5V
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
160mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
–20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (VCC = 5V, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Circuit Current
I1
8
20
mA
Channel 1 Gain
GV4–10
f = 1MHz
52.5
62.5
dB
Channel 2 Gain
GV8–10
f = 1MHz
52.5
62.5
dB
AGC Output Amplitude
vo(AGC•12)
f = 4MHz
170
330
mVP–P
AGC Control Sensitivity
∆vo(AGC•12) f = 4MHz
2.5
dB
Output Amplifier Gain
GV13–17
f = 4MHz
0.05
2.7
dB
DOC Amplifier Gain
GV18–17
f = 4MHz
10.5
14.0
dB
DOC Sensitivity ON
S13–1
f = 4MHz
–19
dB
DOC Sensitivity OFF
S13–2
f = 4MHz
–10.8
dB
PG Input Sensitivity
S2
3
V
Noise Voltage Referred to Input
Vni1
1MHz BPF
1
µVrms
Vni2
1MHz BPF
1
µVrms
Note 1. Operating supply voltage range: VCCopr = 4.5V to 5.5V.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn