Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J2081535_H5N2509P Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # J2081535_H5N2509P
Description  SILICON N CHANNEL MOSFET SWITCHING
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

J2081535_H5N2509P Datasheet(HTML) 3 Page - Hitachi Semiconductor

  J2081535_H5N2509P Datasheet HTML 1Page - Hitachi Semiconductor J2081535_H5N2509P Datasheet HTML 2Page - Hitachi Semiconductor J2081535_H5N2509P Datasheet HTML 3Page - Hitachi Semiconductor J2081535_H5N2509P Datasheet HTML 4Page - Hitachi Semiconductor J2081535_H5N2509P Datasheet HTML 5Page - Hitachi Semiconductor J2081535_H5N2509P Datasheet HTML 6Page - Hitachi Semiconductor J2081535_H5N2509P Datasheet HTML 7Page - Hitachi Semiconductor J2081535_H5N2509P Datasheet HTML 8Page - Hitachi Semiconductor J2081535_H5N2509P Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
H5N2509P
シリコン N チャネル MOSFET
高速度電力スイッチング
ADJ-208-1535B (Z)
第 3 版
2002.06
特長
低オン抵抗:R
DS(on) = 0.053 Ω typ.
ドレイン遮断電流が低い:I
DSS = 1 µA max (at VDS = 250 V, VGS = 0 V)
スイッチング速度が速い:tf = 110 ns typ (at I
D = 15 A, RL = 8.3 Ω, VGS = 10 V)
入力ダイナミック容量(Qg)が低い:Qg = 110 nC typ (at V
DD = 200 V, VGS = 10 V, ID = 30 A)
アバランシェ保証
外観図
TO–3P
1
2
3
D
S
G
1.
2.
(
)
3.


Similar Part No. - J2081535_H5N2509P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J208006_2SC4965 ETC-J208006_2SC4965 Datasheet
251Kb / 9P
   J208006_2SC4965
More results

Similar Description - J2081535_H5N2509P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2203C RENESAS-HAT2203C Datasheet
97Kb / 7P
   Silicon N Channel MOSFET power switching
HAT2170H RENESAS-HAT2170H Datasheet
91Kb / 8P
   Silicon N Channel MOSFET Power Switching
logo
Hitachi Semiconductor
HAF2008 HITACHI-HAF2008 Datasheet
24Kb / 6P
   SILICON N CHANNEL MOSFET SERIES POWER SWITCHING
logo
Renesas Technology Corp
HAF2017 RENESAS-HAF2017 Datasheet
134Kb / 9P
   Silicon N Channel Power MOSFET Power Switching
HAF2021 RENESAS-HAF2021 Datasheet
92Kb / 9P
   Silicon N Channel MOSFET Series Power Switching
logo
NEC
2SK654 NEC-2SK654 Datasheet
136Kb / 4P
   FAST SWITCHING N-CHANNEL SILICON POWER MOSFET
logo
Isahaya Electronics Cor...
INK0002AX ISAHAYA-INK0002AX_08 Datasheet
138Kb / 4P
    High speed switching Silicon N-channel MOSFET
INK0010AX ISAHAYA-INK0010AX Datasheet
138Kb / 4P
   High speed switching Silicon N-channel MOSFET
INK0012AX ISAHAYA-INK0012AX Datasheet
139Kb / 4P
   High speed switching Silicon N-channel MOSFET
INK021ABS1 ISAHAYA-INK021ABS1 Datasheet
146Kb / 5P
   High Speed Switching Silicon N-channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com