Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU3018CW Datasheet(PDF) 1 Page - International Rectifier

Part # IRU3018CW
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON-BOARD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3018CW Datasheet(HTML) 1 Page - International Rectifier

  IRU3018CW Datasheet HTML 1Page - International Rectifier IRU3018CW Datasheet HTML 2Page - International Rectifier IRU3018CW Datasheet HTML 3Page - International Rectifier IRU3018CW Datasheet HTML 4Page - International Rectifier IRU3018CW Datasheet HTML 5Page - International Rectifier IRU3018CW Datasheet HTML 6Page - International Rectifier IRU3018CW Datasheet HTML 7Page - International Rectifier IRU3018CW Datasheet HTML 8Page - International Rectifier IRU3018CW Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
IRU3018
1
Rev. 1.5
07/24/01
TYPICAL APPLICATION
DESCRIPTION
The IRU3018 controller IC is specifically designed to meet
Intel specification for Pentium II
 microprocessor appli-
cations as well as the next generation of P6 family pro-
cessors. The IRU3018 provides a single chip controller
IC for the Vcore, LDO controller for GTL+ and an internal
200mA regulator for clock supply which are required for
the Pentium II applications. These devices feature a pat-
ented topology that in combination with a few external
components as shown in the typical application circuit,
will provide in excess of 18A of output current for an on-
board DC-DC converter while automatically providing the
right output voltage via the 5-bit internal DAC. The
IRU3018 also features loss-less current sensing for both
switchers by using the RDS(on) of the high-side power
MOSFET as the sensing resistor, internal current limit-
ing for the clock supply, and a Power Good window com-
parator that switches its open collector output low when
any one of the outputs is outside of a pre-programmed
window. Other features of the device are: Under-voltage
lockout for both 5V and 12V supplies, an external pro-
grammable soft-start function, programming the oscilla-
tor frequency via an external resistor, Over-Voltage Pro-
tection (OVP) circuitry for both switcher outputs and an
internal thermal shutdown.
Provides single chip solution for Vcore, GTL+ & clock
supply
200mA On-Board LDO Regulator
Designed to meet the latest Intel specification for
Pentium II
On-Board DAC programs the output voltage from
1.3V to 3.5V
Linear regulator controller on board for 1.5V GTL+
supply
Loss-less Short Circuit Protection with HICCUP
Synchronous operation allows maximum efficiency
patented architecture allows fixed frequency opera-
tion as well as 100% duty cycle during dynamic
load
Soft-Start
High current totem pole driver for direct driving of the
external power MOSFET
Power Good Function monitors all outputs
Over-Voltage Protection circuitry protects the
switcher output and generates a fault signal
Thermal Shutdown
Logic Level Enable Input
PACKAGE ORDER INFORMATION
FEATURES
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS
LDO CONTROLLER AND 200mA LDO ON-BOARD
APPLICATIONS
Total Power Solution for Pentium II processor
application
Note: Pentium II is trademark of Intel Corp
TA (!C)
DEVICE
PACKAGE
0 To 70
IRU3018CW
24-pin Plastic SOIC WB
Data Sheet No. PD94144
3018app3-1.1
LINEAR
CONTROL
LINEAR
REGULATOR
SWITCHER1
CONTROL
IRU3018
Vout3
5V
Vout1
Vout2
3.3V
Figure 1 - Typical application of IRU3018.


Similar Part No. - IRU3018CW

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3011 IRF-IRU3011 Datasheet
77Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
IRU3011CW IRF-IRU3011CW Datasheet
77Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
IRU3011CWTR IRF-IRU3011CWTR Datasheet
83Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
IRU3013 IRF-IRU3013 Datasheet
122Kb / 6P
   VRM 8.5 COMPATIBLE 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
IRU3013CQ IRF-IRU3013CQ Datasheet
122Kb / 6P
   VRM 8.5 COMPATIBLE 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
More results

Similar Description - IRU3018CW

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3018 UNISEM-US3018 Datasheet
108Kb / 17P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON BOARD
US3007 UNISEM-US3007 Datasheet
101Kb / 15P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS NON SYNCHRONOUS , LDO CONTROLLER AND 200MmA LDO ON BOARD
logo
International Rectifier
IRU3007 IRF-IRU3007 Datasheet
100Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
logo
UNISEM
US3021B UNISEM-US3021B Datasheet
62Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3027 UNISEM-US3027 Datasheet
65Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021M UNISEM-US3021M Datasheet
61Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3022 UNISEM-US3022 Datasheet
61Kb / 7P
   4 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS FOUR LDO CONTROLLER
logo
International Rectifier
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com