Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU3011 Datasheet(PDF) 2 Page - International Rectifier

Part # IRU3011
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3011 Datasheet(HTML) 2 Page - International Rectifier

  IRU3011 Datasheet HTML 1Page - International Rectifier IRU3011 Datasheet HTML 2Page - International Rectifier IRU3011 Datasheet HTML 3Page - International Rectifier IRU3011 Datasheet HTML 4Page - International Rectifier IRU3011 Datasheet HTML 5Page - International Rectifier IRU3011 Datasheet HTML 6Page - International Rectifier IRU3011 Datasheet HTML 7Page - International Rectifier IRU3011 Datasheet HTML 8Page - International Rectifier IRU3011 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Rev. 1.6
08/20/02
IRU3011
www.irf.com
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over V12=12V, V5=5V and TA=0 to 70°C. Typical values refer
to TA=25°C. Low duty cycle pulse testing is used which keeps junction and case temperatures equal to the ambient
temperature.
ABSOLUTE MAXIMUM RATINGS
V5 Supply Voltage ....................................................
7V
V12 Supply Voltage ..................................................
20V
Storage Temperature Range ......................................
-65°C To 150°C
Operating Junction Temperature Range ......................
0°C To 125°C
PACKAGE INFORMATION
20-PIN WIDE BODY PLASTIC SOIC (W)
VID Section
DAC Output Voltage (Note 1)
DAC Output Line Regulation
DAC Output Temp Variation
VID Input LO
VID Input HI
VID Input Internal Pull-Up
Resistor to V5
Power Good Section
Under-Voltage lower trip point
Under-Voltage upper trip point
UV Hysterises
Over-Voltage upper trip point
Over-Voltage lower trip point
OV Hysteresis
Power Good Output LO
Power Good Output HI
Soft-Start Section
Soft-Start Current
uJA =858C/W
Ct
OVP
V12
LDrv
Gnd
NC
HDrv
CS-
PGd
NC
NC
CS+
SS
D0
D1
D2
D3
D4
V5
VFB
4
3
2
1
7
6
5
18
19
20
TOP VIEW
11
13
12
14
10
15
9
16
8
17
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
VOUT Ramping Down
VOUT Ramping Up
VOUT Ramping Up
VOUT Ramping Down
RL=3mA
RL=5K Pull-Up to 5V
CS+=0V, CS-=5V
0.99Vs
2
0.89Vs
0.015Vs
1.09Vs
0.015Vs
4.8
Vs
27
0.90Vs
0.92Vs
0.02Vs
1.10Vs
1.08Vs
0.02Vs
10
1.01Vs
0.1
0.5
0.4
0.91Vs
0.025Vs
1.11Vs
0.025Vs
0.4
V
%
%
V
V
K
V
V
V
V
V
V
V
V
V
mA


Similar Part No. - IRU3011

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3011CWTR IRF-IRU3011CWTR Datasheet
83Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
More results

Similar Description - IRU3011

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3012 UNISEM-US3012 Datasheet
75Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3011 UNISEM-US3011 Datasheet
72Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
International Rectifier
IRU3011CWTR IRF-IRU3011CWTR Datasheet
83Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
IRU3055CQTR IRF-IRU3055CQTR Datasheet
354Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
IRU3055 IRF-IRU3055 Datasheet
355Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
logo
UNISEM
US3004 UNISEM-US3004 Datasheet
99Kb / 14P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
International Rectifier
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
   5-Bit Programmable Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com