Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLMS4502 Datasheet(PDF) 4 Page - International Rectifier

Part # IRLMS4502
Description  HEXFET Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLMS4502 Datasheet(HTML) 4 Page - International Rectifier

  IRLMS4502 Datasheet HTML 1Page - International Rectifier IRLMS4502 Datasheet HTML 2Page - International Rectifier IRLMS4502 Datasheet HTML 3Page - International Rectifier IRLMS4502 Datasheet HTML 4Page - International Rectifier IRLMS4502 Datasheet HTML 5Page - International Rectifier IRLMS4502 Datasheet HTML 6Page - International Rectifier IRLMS4502 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRLMS4502
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
0.1
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
-V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
0
10
20
30
40
0
3
6
9
12
15
Q , Total Gate Charge (nC)
G
I =
D
-5.5A
V
=-10V
DS
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
1
10
100
-VDS, Drain-to-Source Voltage (V)
1000
1400
1800
2200
2600
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds+ Cgd


Similar Part No. - IRLMS4502

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLMS1503 IRF-IRLMS1503 Datasheet
180Kb / 8P
   Power MOSFET
IRLMS1503 IRF-IRLMS1503 Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRLMS1503PBF IRF-IRLMS1503PBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRLMS1503PBF IRF-IRLMS1503PBF Datasheet
156Kb / 8P
   Generation V Technology
IRLMS1503PBF IRF-IRLMS1503PBF Datasheet
156Kb / 8P
   GENERATION V TECHNOLOGY
More results

Similar Description - IRLMS4502

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com